전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA56-12HWA 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 BA56-12HWA
상세설명  14mm (0.56INCH) THREE DIGIT NUMERIC DISPLAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

BA56-12HWA 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  BA56-12HWA Datasheet HTML 1Page - List of Unclassifed Manufacturers BA56-12HWA Datasheet HTML 2Page - List of Unclassifed Manufacturers BA56-12HWA Datasheet HTML 3Page - List of Unclassifed Manufacturers BA56-12HWA Datasheet HTML 4Page - List of Unclassifed Manufacturers BA56-12HWA Datasheet HTML 5Page - List of Unclassifed Manufacturers BA56-12HWA Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7-B56-2
Package Dimensions
Interal Circuit Diagram
Notes:
1.Alldimensionsareinmillimeters(inches),Toleranceis
±0.25(0.01")unlessotherwisenoted.
2. Specifications are subjected to change whitout notice.
Selection Guide
Part No.
Dice
Iv (ucd)
@ 10 mA
Description
Min.
Max.
BA56-11HWA
BA56-12HWA
BA56-13HWA
BRIGHT RED (GaP)
900
2200
Comomn Anode, Rt. Hand Decimal
BC56-11HWA
BC56-12HWA
BC56-13HWA
Common Cathode, Rt. Hand Decimal
BA56-11EWA
BA56-12EWA
BA56-13EWA
HIGH EFFICIENCY RED (GaAsP/GaP)
2200
9000
Common Anode, Rt. Hand Decimal
BC56-11EWA
BC56-12EWA
BC56-13EWA
Common Cathode, Rt. Hand Decimal
BA56-11GWA
BA56-12GWA
BA56-13GWA
GREEN (GaP)
2200
5600
Common Anode, Rt. Hand Decimal
BC56-11GWA
BC56-12GWA
BC56-13GWA
Common Cathode, Rt. Hand Decimal
BA56-11YWA
BA56-12YWA
BA56-13YWA
YELLOW (GaAsP/GaP)
2200
5600
Common Anode, Rt. Hand Decimal
BC56-11YWA
BC56-12YWA
BC56-13YWA
Common Cathode, Rt. Hand Decimal
BA56-11SRWA
BA56-12SRWA
BA56-13SRWA
SUPER BRIGHT RED (GaAlAs)
5600
21000
Common Anode, Rt. Hand Decimal
BC56-11SRWA
BC56-12SRWA
BC56-13SRWA
Common Cathode, Rt. Hand Decimal


유사한 부품 번호 - BA56-12HWA

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
BA56-12CGKWA KINGBRIGHT-BA56-12CGKWA Datasheet
360Kb / 6P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-12EWA KINGBRIGHT-BA56-12EWA Datasheet
155Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-12GWA KINGBRIGHT-BA56-12GWA Datasheet
154Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-12SRWA KINGBRIGHT-BA56-12SRWA Datasheet
127Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-12SURKWA KINGBRIGHT-BA56-12SURKWA Datasheet
361Kb / 6P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
More results

유사한 설명 - BA56-12HWA

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SA56-11 ETC-SA56-11 Datasheet
729Kb / 6P
   14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
BA56-11SRWA KINGBRIGHT-BA56-11SRWA Datasheet
158Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-13SRWA KINGBRIGHT-BA56-13SRWA Datasheet
157Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-13YWA KINGBRIGHT-BA56-13YWA Datasheet
159Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BC56-11GWA KINGBRIGHT-BC56-11GWA Datasheet
159Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-12SRWA KINGBRIGHT-BA56-12SRWA Datasheet
127Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BC56-12SYKWA KINGBRIGHT-BC56-12SYKWA Datasheet
360Kb / 6P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BA56-11SURKWA KINGBRIGHT-BA56-11SURKWA Datasheet
370Kb / 6P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BC56-11YWA KINGBRIGHT-BC56-11YWA Datasheet
159Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
BC56-12EWA KINGBRIGHT-BC56-12EWA Datasheet
155Kb / 4P
   14.22mm (0.56INCH) THREE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com