전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD54HC109 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 CD54HC109
상세설명  Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD54HC109 데이터시트(HTML) 1 Page - Texas Instruments

  CD54HC109 Datasheet HTML 1Page - Texas Instruments CD54HC109 Datasheet HTML 2Page - Texas Instruments CD54HC109 Datasheet HTML 3Page - Texas Instruments CD54HC109 Datasheet HTML 4Page - Texas Instruments CD54HC109 Datasheet HTML 5Page - Texas Instruments CD54HC109 Datasheet HTML 6Page - Texas Instruments CD54HC109 Datasheet HTML 7Page - Texas Instruments CD54HC109 Datasheet HTML 8Page - Texas Instruments CD54HC109 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS140E
Features
• Asynchronous Set and Reset
• Schmitt Trigger Clock Inputs
• Typical fMAX = 54MHz at VCC = 5V, CL = 15pF,
TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Pinout
CD54HC109, CD54HCT109
(CERDIP)
CD74HC109, CD74HCT109
(PDIP, SOIC)
TOP VIEW
Description
The ’HC109 and ’HCT109 are dual J-K flip-flops with set and
reset. The flip-flop changes state with the positive transition
of Clock (1CP and 2CP).
The flip-flop is set and reset by active-low S and R,
respectively. A low on both the set and reset inputs
simultaneously will force both Q and Q outputs high.
However, both set and reset going high simultaneously
results in an unpredictable output condition.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
1R
1J
1K
1CP
1S
1Q
GND
1Q
VCC
2J
2K
2CP
2S
2Q
2Q
2R
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC109F3A
-55 to 125
16 Ld CERDIP
CD54HCT109F3A
-55 to 125
16 Ld CERDIP
CD74HC109E
-55 to 125
16 Ld PDIP
CD74HC109M
-55 to 125
16 Ld SOIC
CD74HC109MT
-55 to 125
16 Ld SOIC
CD74HC109M96
-55 to 125
16 Ld SOIC
CD74HCT109E
-55 to 125
16 Ld PDIP
CD74HCT109M
-55 to 125
16 Ld SOIC
CD74HCT109MT
-55 to 125
16 Ld SOIC
CD74HCT109M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
March 1998 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC109, CD74HC109,
CD54HCT109, CD74HCT109
Dual J-K Flip-Flop with Set and Reset
Positive-Edge Trigger
[ /Title
(CD74H
C109,
CD74H
CT109)
/Subject
(Dual J-
K Flip-
Flop
with Set
and
Reset


유사한 부품 번호 - CD54HC109

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HC109 TI-CD54HC109 Datasheet
347Kb / 16P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HC109 TI-CD54HC109 Datasheet
454Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HC109F3A TI-CD54HC109F3A Datasheet
347Kb / 16P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HC109F3A TI-CD54HC109F3A Datasheet
454Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HC109 TI-CD54HC109_07 Datasheet
347Kb / 16P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
More results

유사한 설명 - CD54HC109

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HC109 TI-CD54HC109_07 Datasheet
347Kb / 16P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD74HC109 TI-CD74HC109 Datasheet
58Kb / 8P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HC109 TI-CD54HC109_08 Datasheet
454Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD74HC112 TI-CD74HC112 Datasheet
55Kb / 8P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI-CD54HC112_08 Datasheet
643Kb / 18P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI1-CD54HC112_15 Datasheet
757Kb / 20P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI-CD54HC112 Datasheet
346Kb / 13P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
SN75C188DRG4 TI1-SN75C188DRG4 Datasheet
765Kb / 20P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
logo
NXP Semiconductors
74ALS109A PHILIPS-74ALS109A Datasheet
93Kb / 9P
   Dual J-K positive edge-triggered flip-flop with set and reset
1991 Feb 08
logo
Integral Corp.
IN74ACT112 INTEGRAL-IN74ACT112 Datasheet
202Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com