전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS81302D38GE-350I 데이터시트(PDF) 5 Page - GSI Technology

부품명 GS81302D38GE-350I
상세설명  144Mb SigmaQuad-II Burst of 4 SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302D38GE-350I 데이터시트(HTML) 5 Page - GSI Technology

  GS81302D38GE-350I Datasheet HTML 1Page - GSI Technology GS81302D38GE-350I Datasheet HTML 2Page - GSI Technology GS81302D38GE-350I Datasheet HTML 3Page - GSI Technology GS81302D38GE-350I Datasheet HTML 4Page - GSI Technology GS81302D38GE-350I Datasheet HTML 5Page - GSI Technology GS81302D38GE-350I Datasheet HTML 6Page - GSI Technology GS81302D38GE-350I Datasheet HTML 7Page - GSI Technology GS81302D38GE-350I Datasheet HTML 8Page - GSI Technology GS81302D38GE-350I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
16M x 8 SigmaQuad-II SRAM—Top View
1
2
3
4
5
6
7
8
9
10
11
A
CQ
SA
SA
W
NW1
K
SA
R
SA
SA
CQ
B
NC
NC
NC
SA
NC/SA
(288Mb)
K
NW0
SA
NC
NC
Q3
C
NC
NC
NC
VSS
SA
NC
SA
VSS
NC
NC
D3
D
NC
D4
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
E
NC
NC
Q4
VDDQ
VSS
VSS
VSS
VDDQ
NC
D2
Q2
F
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
G
NC
D5
Q5
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q1
D1
K
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
L
NC
Q6
D6
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q0
M
NC
NC
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
D0
N
NC
D7
NC
VSS
SA
SA
SA
VSS
NC
NC
NC
P
NC
NC
Q7
SA
SA
QVLD
SA
SA
NC
NC
NC
R
TDO
TCK
SA
SA
SA
ODT
SA
SA
SA
TMS
TDI
11 x 15 Bump BGA—15 x 17 mm2 Body—1 mm Bump Pitch
Notes:
1. NW0 controls writes to D0:D3. NW1 controls writes to D4:D7.
2. Pin B5 is the expansion address.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05c 8/2017
5/31
© 2011, GSI Technology
GS81302D06/11/20/38E-500/450/400/350


유사한 부품 번호 - GS81302D38GE-350I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS81302D38GE-350 GSI-GS81302D38GE-350 Datasheet
515Kb / 31P
   Dual Double Data Rate interface
More results

유사한 설명 - GS81302D38GE-350I

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS81302D06 GSI-GS81302D06 Datasheet
405Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302DT06E-500 GSI-GS81302DT06E-500 Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D38AGD-450I GSI-GS81302D38AGD-450I Datasheet
446Kb / 26P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D11E-350I GSI-GS81302D11E-350I Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D38GE-450I GSI-GS81302D38GE-450I Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D20AGD-450I GSI-GS81302D20AGD-450I Datasheet
446Kb / 26P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302DT38GE-450I GSI-GS81302DT38GE-450I Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D11E-450I GSI-GS81302D11E-450I Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D11GE-350 GSI-GS81302D11GE-350 Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D20E-400I GSI-GS81302D20E-400I Datasheet
515Kb / 31P
   144Mb SigmaQuad-II Burst of 4 SRAM
GS81302D20AGD-500 GSI-GS81302D20AGD-500 Datasheet
446Kb / 26P
   144Mb SigmaQuad-II Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com