전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4148W 데이터시트(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

부품명 1N4148W
상세설명  Silicon Epitaxial Planar Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
홈페이지  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1N4148W 데이터시트(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  1N4148W Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4148W Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4148W Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Epitaxial Planar Switching Diode
Features
• SOD-123 package
• Fast switching
• These diodes are also available in other case
style including the DO-35 case with the type
designation 1N4148, the MiniMELF case with the
type designation LL4148 and the MicroMELF case
with the type designation MCL4148.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
100
V
Reverse Voltage
VR
75
V
Average Rectified Forward Current
IF(AV)
150
mA
Non-repetitive Peak Forward Surge Current at t = 1
μs
IFSM
2
A
Power Dissipation
Ptot
400
mW
Thermal Resistance from Junction to Ambient Air
RθJA
312
O
C/W
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Reverse Breakdown Voltage
at IR = 1 µA
V(BR)R
75
-
V
Forward Voltage
at IF = 1 mA
at IF = 10 mA
at IF = 50 mA
at IF = 150 mA
VF
-
-
-
-
0.715
0.855
1
1.25
V
Peak Reverse Current
at VR = 75 V
at VR = 20 V
at VR = 75 V, TJ = 150 OC
at VR = 25 V, TJ = 150 OC
IR
-
-
-
-
1
25
50
30
µA
nA
µA
µA
Total Capacitance
at VR = 0 V, f = 1 MHz
CT
-
2
pF
Reverse Recovery Time
at Irr = 0.1 X IR, IF = IR = 10 mA, RL = 100 Ω
trr
-
4
ns
Anode
2
Top View
Marking Code: "* *
"
Simplified outline SOD-123 and symbol
1
2
PINNING
1
PIN
Cathode
DESCRIPTION
* *
1N4148W
Z ibo Seno Electronic Engineering Co., Ltd.
1 of 3
1N4148W
www.senocn.com
Alldatasheet


유사한 부품 번호 - 1N4148W

제조업체부품명데이터시트상세설명
logo
Texas Instruments
1N4148W TI1-1N4148W Datasheet
436Kb / 17P
[Old version datasheet]   A 0.9-A Constant Current Supply with PFC for 100-W LED
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W Datasheet
53Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Diotec Semiconductor
1N4148W DIOTEC-1N4148W Datasheet
132Kb / 2P
   SMD Small Signal Switching Diodes
logo
Tak Cheong Electronics ...
1N4148W TAK_CHEONG-1N4148W Datasheet
189Kb / 5P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
logo
DONGGUAN YOU FENG WEI E...
1N4148W YFWDIODE-1N4148W Datasheet
454Kb / 3P
   For surface mounted applications
More results

유사한 설명 - 1N4148W

제조업체부품명데이터시트상세설명
logo
Rohm
DA221 ROHM-DA221 Datasheet
74Kb / 4P
   Switching diode Silicon epitaxial planar
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH Datasheet
131Kb / 2P
   Silicon Epitaxial Planar Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
   SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WTGH ZOWIE-1N4148WTGH Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Switching Diode
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Zibo Seno Electronic En...
1N914G ZSELEC-1N914G Datasheet
127Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N914W ZSELEC-1N914W Datasheet
148Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N4448 ZSELEC-1N4448 Datasheet
123Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1SS400 ZSELEC-1SS400 Datasheet
180Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
   Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com