전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

658156303064 데이터시트(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 658156303064
상세설명  1.00mm SMT Male Shrouded Vertical Plug 6.35mm Height WRBTB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

658156303064 데이터시트(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  658156303064 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 658156303064 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 658156303064 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 658156303064 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 658156303064 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Pins
Pl
L
L1
L2
Order Code
64
31 mm
35.9 mm
34.4 mm
32.2 mm
658156303064
Article Properties:
Properties
Value
Unit
Pitch
P
1
mm
Quality Class
30 Mating cycles
Kind Properties:
Insulator Material
LCP
Insulator Flammability Rating
UL94 V-0
Insulator Color
Ivory
Contact Material
Brass
Contact Plating
Selective Gold
Contact Type
Stamped
Material Properties:
Operating Temperature
-55 °C up to +85 °C
Compliance
Lead free / RoHS
General Properties:
Properties
Test conditions
Value
Unit
Tol.
Rated Current
IR
1
A
Working Voltage
100
V (AC)
Withstanding Voltage
1 min
250
V (AC)
Contact Resistance
R
30
max.
Insulation Resistance
RISO
1000
min.
Electrical Properties:
Packaging
Tape and Reel with Cap
Packaging Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
DaMa
ATo
DIN ISO 2768-1m
DESCRIPTION
1.00mm SMT Male Shrouded
Vertical Plug 6.35mm Height WR-
BTB
ORDER CODE
658156303064
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
001.002
Valid
2017-08-24
eiCan
2/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 658156303064

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
658158303064 WURTH-658158303064 Datasheet
248Kb / 5P
   1.00mm SMT Male Shrouded Vertical Plug 8.35mm Height WRBTB
More results

유사한 설명 - 658156303064

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
658158303064 WURTH-658158303064 Datasheet
248Kb / 5P
   1.00mm SMT Male Shrouded Vertical Plug 8.35mm Height WRBTB
658857603080 WURTH-658857603080 Datasheet
246Kb / 5P
   0.80mm SMT Male Shrouded Vertical Plug 7.60mm Height WRBTB
658855603100 WURTH-658855603100 Datasheet
237Kb / 5P
   0.80mm SMT Male Shrouded Vertical Plug 5.60mm Height WRBTB
658855603040 WURTH-658855603040 Datasheet
237Kb / 5P
   0.80mm SMT Male Shrouded Vertical Plug 5.60mm Height WRBTB
658101003064 WURTH-658101003064 Datasheet
259Kb / 5P
   1.00mm SMT Female Shrouded Vertical Receptacle 10.30mm Height WR-BTB
658107303064 WURTH-658107303064 Datasheet
259Kb / 5P
   1.00mm SMT Female Shrouded Vertical Receptacle 7.30mm Height WR-BTB
658854613080 WURTH-658854613080 Datasheet
245Kb / 5P
   0.80mm SMT Male Shrouded Vertical Plug w. Chamfer 4.60mm Height WR-BTB
658105303064 WURTH-658105303064 Datasheet
261Kb / 5P
   1.00mm SMT Female Shrouded Vertical Receptacle 5.30mm Height WR-BTB
653102124022 WURTH-653102124022 Datasheet
367Kb / 2P
   1.25 SMT MALE VERTICAL SHROUDED HEADER
6531XX124022 WURTH-6531XX124022 Datasheet
819Kb / 3P
   1.25 MM SMT MALE VERTICAL SHROUDED HEADER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com