전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCP160T 데이터시트(PDF) 3 Page - BeRex Corporation

부품명 BCP160T
상세설명  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BEREX [BeRex Corporation]
홈페이지  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP160T 데이터시트(HTML) 3 Page - BeRex Corporation

  BCP160T_15 Datasheet HTML 1Page - BeRex Corporation BCP160T_15 Datasheet HTML 2Page - BeRex Corporation BCP160T_15 Datasheet HTML 3Page - BeRex Corporation BCP160T_15 Datasheet HTML 4Page - BeRex Corporation BCP160T_15 Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCP160T
S-PARAMETERS (Vds = 8V, Ids = 50% Idss)
FREQ.
[GHZ]
S11
[MAG]
S11
[ANG.]
S21
[MAG]
S21
[ANG.]
S12
[MAG]
S12
[ANG.]
S22
[MAG]
S22
[ANG.]
1
0.87
-125.38
13.67
111.02
0.029
37.07
0.34
-144.18
2
0.85
-156.37
7.50
92.04
0.034
32.44
0.36
-161.51
3
0.86
-171.07
5.11
80.78
0.036
33.73
0.37
-168.21
4
0.86
-179.89
3.86
72.20
0.040
34.70
0.38
-172.01
5
0.87
173.17
3.08
64.03
0.043
38.64
0.40
-174.55
6
0.87
167.14
2.55
56.79
0.047
40.81
0.42
-177.15
7
0.88
162.28
2.14
50.07
0.048
40.71
0.44
-179.70
8
0.88
157.56
1.88
43.01
0.050
45.15
0.45
178.62
9
0.89
152.94
1.65
37.28
0.055
45.37
0.47
175.28
10
0.89
148.80
1.48
31.07
0.060
44.07
0.49
172.74
11
0.89
143.76
1.33
24.59
0.062
42.96
0.51
169.96
12
0.90
138.90
1.20
18.21
0.066
41.21
0.53
167.35
13
0.91
134.97
1.09
12.85
0.070
39.95
0.55
163.90
14
0.91
129.80
0.99
6.58
0.071
38.03
0.58
161.41
15
0.92
125.36
0.89
0.82
0.073
35.59
0.61
158.02
16
0.93
121.84
0.81
-4.31
0.075
32.10
0.64
154.68
17
0.93
117.69
0.72
-10.60
0.073
29.92
0.66
151.79
18
0.95
115.85
0.63
-14.17
0.076
28.56
0.68
149.05
19
0.94
113.69
0.57
-18.70
0.076
27.06
0.71
145.91
20
0.94
110.54
0.52
-22.86
0.077
24.13
0.73
143.57
21
0.95
109.76
0.46
-26.30
0.077
24.61
0.75
141.51
22
0.94
110.02
0.41
-28.17
0.079
22.75
0.76
139.28
23
0.94
108.99
0.36
-31.53
0.080
22.44
0.77
136.86
24
0.94
110.06
0.33
-33.06
0.082
19.77
0.79
135.47
25
0.95
110.74
0.30
-34.59
0.077
20.11
0.80
133.59
26
0.95
110.24
0.27
-33.68
0.079
23.85
0.81
133.29
Note: S-parameters include bond wires. Reference planes are at edge of substrates shown on “Wire Bonding Information” figure below.
www.berex.com
BeRex, Inc. 3350 Scot Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.7


유사한 부품 번호 - BCP160T_15

제조업체부품명데이터시트상세설명
logo
BeRex Corporation
BCP160T BEREX-BCP160T Datasheet
703Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results

유사한 설명 - BCP160T_15

제조업체부품명데이터시트상세설명
logo
BeRex Corporation
BCP030C BEREX-BCP030C Datasheet
318Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP120C BEREX-BCP120C Datasheet
371Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP060C BEREX-BCP060C Datasheet
326Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T_15 Datasheet
436Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP030T BEREX-BCP030T Datasheet
622Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF120T BEREX-BCF120T_18 Datasheet
430Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF080T BEREX-BCF080T_18 Datasheet
382Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP060C BEREX-BCP060C_18 Datasheet
336Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP080C BEREX-BCP080C_18 Datasheet
337Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C Datasheet
294Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF120T BEREX-BCF120T Datasheet
390Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com