전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX84C2V2 데이터시트(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

부품명 BZX84C2V2
상세설명  350mW Silicon Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
홈페이지  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

BZX84C2V2 데이터시트(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  BZX84C2V2 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd BZX84C2V2 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd BZX84C2V2 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT-23/TO-236 Plastic Package
• Zener breakdown voltage range - 2.0 V to 75 V
BZX84C2V0-BZX84C75
This series of Zener diodes is offered in the convenient,
surface mount plastic SOT-23/TO-236 package. These devices
are designed to provide voltage regulation with minimum
space requirement. They are well suited for applications
such as cellular phones, hand held portables, and high
density PC boards.
Features
• Package designed for optimal automated board
assembly
• Small package size for high density applications
Absolute Maximum Ratings (Ta = 25℃)
Parameter
Symbol
Value
Unit
Power Dissipation
PD
350
mW
Thermal Resistance, Junction to Ambient
1)
RJA
357
℃/W
Junction and Storage Temperature Range
Tj, Tstg
- 65 to + 150
1) Alumina = 0.4 X 0.3 X 0.024 in, 99.5% alumina
1. Anode 3. Cathode
1
3
2
350mW Silicon Planar Zener Diodes
1 of 3
www.senocn.com
Z ibo Seno Electronic Engineering Co., Ltd.
BZX84C2V0-BZX84C75
Alldatasheet


유사한 부품 번호 - BZX84C2V2

제조업체부품명데이터시트상세설명
logo
SEMTECH ELECTRONICS LTD...
BZX84C2V2 SEMTECH_ELEC-BZX84C2V2 Datasheet
229Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
BZX84C2V2 HTSEMI-BZX84C2V2 Datasheet
712Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Kingtronics Internation...
BZX84C2V2 KINGTRONICS-BZX84C2V2 Datasheet
403Kb / 3P
   BZX84C2V0... BZX84C75 Silicon Planar Zener Diodes
logo
Suntan Capacitors
BZX84C2V2 SUNTAN-BZX84C2V2 Datasheet
136Kb / 3P
   Zener breakdown voltage range - 2.0 V to 75 V
logo
KEC(Korea Electronics)
BZX84C2V2 KEC-BZX84C2V2 Datasheet
363Kb / 3P
   SEMICONDUCTOR
More results

유사한 설명 - BZX84C2V2

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com