전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX584B56G 데이터시트(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

부품명 BZX584B56G
상세설명  100mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
홈페이지  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

BZX584B56G 데이터시트(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  BZX584B56G Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd BZX584B56G Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd BZX584B56G Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Characteristics (Tj=25℃ unless otherwise specified)
Z ibo Seno Electronic Engineering Co., Ltd.
3 of 3
www.senocn.com
Fig.2- TEMPERATURE COEFFICENTS
Fig.1- STEADY STATE POWER DERATING
TEMPERATURE (°C)
NOMINAL ZENER VOLTAGE, VOLTS
NORMAL ZENER VOLTAGE, VOLTS
Fig.4- TYPICAL LEAKAGE CURRENT
FORWARD VOLTAGE (VOLTS)
Fig.3- TYPICAL FORWARD VOLTAGE
0
0.1
0.2
0.3
0.4
0.5
0
25
50
75
100
125
150
TA=25°C
1
10
100
10
100
1
10
100
1000
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
5°C
25°C
150°C
75°C
TA=25°C
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
0
1020
3040
5060
7080
90
+150°C
+25°C
-55°C
BZ X 584B2V4G-BZZ X 584B7 5G
BZ X 584B2V4G-BZZ X 584B7 5G
Alldatasheet


유사한 부품 번호 - BZX584B56G

제조업체부품명데이터시트상세설명
logo
DAESAN ELECTRONIC CORP.
BZX584B56 DAESAN-BZX584B56 Datasheet
260Kb / 3P
   ZENER DIODE
logo
Tak Cheong Electronics ...
BZX584B56V TAK_CHEONG-BZX584B56V Datasheet
279Kb / 5P
   200mW SOD-523 SURFACE MOUNT
More results

유사한 설명 - BZX584B56G

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
BZX784B SECOS-BZX784B Datasheet
57Kb / 2P
   100mW, SOD-723 Surface Mount Zener Diodes
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com