전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7449150079 데이터시트(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 7449150079
상세설명  WE-ACHC High current air coil
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7449150079 데이터시트(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7449150079 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7449150079 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7449150079 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7449150079 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7449150079 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7449150079 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Packaging Specification - Tape and Reel: [mm]
Packaging is referred to the international standard
IEC 60286 -3:2007
T
T1
T2
top cover
tape
P2
P0
A0
P1
D0
D1
K0
No Component
min. 160mm
Components
No Component
min. 100mm
Cover Tape
min. 400mm
Cover tape
Carriertape
End
Feeding direction
Start
A0
B0
W
T
T1
T2
K0
P0
P1
P2
D0
D1
E1
E2
F
Tape Type 2a
VPE / packaging unit
tolerance
±0,1
±0,1
±0,1
typ.
max. typ.
±0,15 ±0,1 ±0,1
±0,1 +0,1/ -0,0
min. ±0,1 min.
±0,1
pcs.
size
1010 10.50 10.50 24.00 0.50 0.10 6.70 6.10
4.00 16.00 2.00 1.50
1.50 1.75 22.25 11.50 Polystyrene
650
165° - 180°
Pull-of force
Tape width
24 mm
0,1 N - 1,3 N
B
C
W3
W2
W1
close to center
A
B
C
D
N
W1
W2
W3
W3
Tolerance
± 2,0
min.
min.
min.
± 2,0
+ 2
max.
min.
max.
Tape width
24mm
330,00
1,50
12,80
20,20
60,00
24,40
30,40
23,90
27,40
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
JoMa
DIN ISO 2768-1m
DESCRIPTION
WE-ACHC High current air coil
ORDER CODE
7449150079
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
1010
001.000
Valid
2017-01-26
eiSos
3/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 7449150079

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7449150023 WURTH-7449150023 Datasheet
340Kb / 6P
   WE-ACHC High current air coil
7449150046 WURTH-7449150046 Datasheet
341Kb / 6P
   WE-ACHC High current air coil
More results

유사한 설명 - 7449150079

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7449152022 WURTH-7449152022 Datasheet
340Kb / 6P
   WE-ACHC High current air coil
7449150046 WURTH-7449150046 Datasheet
341Kb / 6P
   WE-ACHC High current air coil
7449152066 WURTH-7449152066 Datasheet
341Kb / 6P
   WE-ACHC High current air coil
7449150111 WURTH-7449150111 Datasheet
342Kb / 6P
   WE-ACHC High current air coil
7449152090 WURTH-7449152090 Datasheet
342Kb / 6P
   WE-ACHC High current air coil
7449150023 WURTH-7449150023 Datasheet
340Kb / 6P
   WE-ACHC High current air coil
7449150146 WURTH-7449150146 Datasheet
343Kb / 6P
   WE-ACHC High current air coil
7449152042 WURTH-7449152042 Datasheet
341Kb / 6P
   WE-ACHC High current air coil
7449152111 WURTH-7449152111 Datasheet
369Kb / 6P
   WE-AC HC High current air coil
002.000
744912122 WURTH-744912122 Datasheet
1Mb / 6P
   WE-CAIR Air coil
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com