전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7761 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD7761
상세설명  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7761 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD7761_17 Datasheet HTML 6Page - Analog Devices AD7761_17 Datasheet HTML 7Page - Analog Devices AD7761_17 Datasheet HTML 8Page - Analog Devices AD7761_17 Datasheet HTML 9Page - Analog Devices AD7761_17 Datasheet HTML 10Page - Analog Devices AD7761_17 Datasheet HTML 11Page - Analog Devices AD7761_17 Datasheet HTML 12Page - Analog Devices AD7761_17 Datasheet HTML 13Page - Analog Devices AD7761_17 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
Data Sheet
AD7761
Rev. A | Page 9 of 75
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER DISSIPATION
External CMOS MCLK, all channels
active, MCLK = 32.768 MHz, all
channels in Channel Mode A
Full Operating Mode
Analog precharge buffers on
Wideband Filter
Fast
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V,
precharge reference buffers off2
412
446
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V,
precharge reference buffers on2
600
645
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V,
IOVDD = 3.6 V, precharge reference
buffers off
631
681
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V,
IOVDD = 1.88 V, precharge
reference buffers off2
524
571
mW
Median
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V,
precharge reference buffers off
220
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V,
precharge reference buffers on
320
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V,
IOVDD = 3.6 V, precharge reference
buffers off
341
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V,
IOVDD = 1.88 V, precharge
reference buffers off
284
mW
Low Power
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V,
precharge reference buffers off
75
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V,
precharge reference buffers on
107
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V,
IOVDD = 3.6 V, precharge reference
buffers off
124
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V,
IOVDD = 1.88 V, precharge
reference buffers off
99
mW
Sinc5 Filter2
Fast
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V,
precharge reference buffers off
325
355
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V,
precharge reference buffers on
475
525
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V,
IOVDD = 3.6 V, precharge reference
buffers off
501
545
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V,
IOVDD = 1.88 V, precharge
reference buffers off
455
495
mW
Median
AVDD1 = 5 V, AVDD2 = IOVDD = 2.5 V,
precharge reference buffers off
175
mW
AVDD1 = 5 V, AVDD2 = IOVDD = 3.3 V,
precharge reference buffers on
260
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V,
IOVDD = 3.6 V, precharge reference
buffers off
277
mW
AVDD1 = 5.5 V, AVDD2 = 5.5 V,
IOVDD = 1.88 V, precharge
reference buffers off
248
mW


유사한 부품 번호 - AD7761_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7761BSTZ AD-AD7761BSTZ Datasheet
1Mb / 69P
   8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
AD7761BSTZ-RL7 AD-AD7761BSTZ-RL7 Datasheet
1Mb / 69P
   8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
More results

유사한 설명 - AD7761_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7761 AD-AD7761 Datasheet
1Mb / 69P
   8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
AD7768 AD-AD7768 Datasheet
2Mb / 99P
   8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
AD7779 AD-AD7779 Datasheet
1Mb / 97P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770 AD-AD7770_17 Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770 AD-AD7770 Datasheet
1Mb / 94P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771 AD-AD7771_17 Datasheet
1Mb / 99P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7779 AD-AD7779_16 Datasheet
1Mb / 101P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com