전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7091R-5BRUZ 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD7091R-5BRUZ
상세설명  4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7091R-5BRUZ 데이터시트(HTML) 4 Page - Analog Devices

  AD7091R-5BRUZ Datasheet HTML 1Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 2Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 3Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 4Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 5Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 6Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 7Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 8Page - Analog Devices AD7091R-5BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Data Sheet
AD7091R-5
Rev. 0 | Page 3 of 34
SPECIFICATIONS
VDD = 2.7 V to 5.25 V, VDRIVE = 1.8 V to 5.25 V, fSCL = 400 kHz, fast SCL mode, VREF = 2.5 V internal/external, TA = −40°C to +125°C,
unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
fIN = 1 kHz sine wave
Signal-to-Noise Ratio (SNR)
68
dB
Signal-to-Noise-and-Distortion Ratio
(SINAD)
67
dB
Total Harmonic Distortion (THD)
−80
dB
Spurious-Free Dynamic Range (SFDR)
−81
dB
Channel to Channel Isolation
−105
dB
Aperture Delay
5
ns
Aperture Jitter
40
ps
Full Power Bandwidth
At −3 dB
1.5
MHz
At −0.1 dB
1.2
MHz
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity (INL)
−1.25
±0.8
+1.25
LSB
Differential Nonlinearity (DNL)
Guaranteed no missing codes to 12 bits
−0.9
±0.3
+0.9
LSB
Offset Error
TA = 25°C
−1.5
±0.3
+1.5
mV
Offset Error Matching
TA = 25°C
−1.5
±0.3
+1.5
mV
Offset Error Drift
2
ppm/°C
Gain Error
TA = 25°C
−0.1
0.0
+0.1
% FS
Gain Error Matching
TA = 25°C
−0.1
0.0
+0.1
% FS
Gain Error Drift
1
ppm/°C
ANALOG INPUT
Input Voltage Range1
At ADCIN
0
VREF
V
DC Leakage Current
−1
+1
µA
Input Capacitance2
During acquisition phase
10
pF
Outside acquisition phase
1.5
pF
Multiplexer On Resistance
VDD = 5.0 V
50
VDD = 2.5 V
100
VOLTAGE REFERENCE INPUT/OUTPUT
REFOUT3
Internal reference output, TA = 25°C
2.49
2.5
2.51
V
REFIN3
External reference input
1.0
VDD
V
Drift
5
ppm/°C
Power-On Time
CREF = 2.2 µF
50
ms
LOGIC INPUTS
Input Voltage
High (VIH)
0.7 × VDRIVE
V
Low (VIL)
0.3 × VDRIVE
V
Input Current (IIN)
VIN = 0 V or VDRIVE
−1
0.01
+1
µA
LOGIC OUTPUTS
Output Voltage
High (VOH)
ISOURCE = 200 µA
VDRIVE − 0.2
V
Low (VOL)
ISINK = 200 µA
0.4
V
Floating State Leakage Current
−1
+1
µA
Output Coding
Straight (natural) binary


유사한 부품 번호 - AD7091R-5BRUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7091R-5BRUZ AD-AD7091R-5BRUZ Datasheet
699Kb / 34P
   4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7091R-5BRUZ-RL7 AD-AD7091R-5BRUZ-RL7 Datasheet
699Kb / 34P
   4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
More results

유사한 설명 - AD7091R-5BRUZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7091R-5 AD-AD7091R-5 Datasheet
699Kb / 34P
   4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7927 AD-AD7927 Datasheet
276Kb / 20P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com