전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5010-BM 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 SI5010-BM
상세설명  OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

SI5010-BM 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SI5010-BM Datasheet HTML 3Page - List of Unclassifed Manufacturers SI5010-BM Datasheet HTML 4Page - List of Unclassifed Manufacturers SI5010-BM Datasheet HTML 5Page - List of Unclassifed Manufacturers SI5010-BM Datasheet HTML 6Page - List of Unclassifed Manufacturers SI5010-BM Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5010-BM Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5010-BM Datasheet HTML 9Page - List of Unclassifed Manufacturers SI5010-BM Datasheet HTML 10Page - List of Unclassifed Manufacturers SI5010-BM Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Si5010
Preliminary Rev. 0.31
7
Table 3. AC Characteristics (Clock & Data)
(VA 2.5 V ± 5%, TA = –40°C to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Clock Rate
fCLK
.15
666
MHz
Output Rise Time
tR
Figure 4
100
TBD
ps
Output Fall Time
tF
Figure 4
100
TBD
ps
Clock to Data Delay
OC-12
OC-3
t(c-d)
Figure 3
890
4100
TBD
TBD
ps
ps
Input Return Loss
100 kHz–622 MHz
18.7
dB
Table 4. AC Characteristics (PLL Characteristics)
(VDD = 2.5 V ± 5%, TA = –40°C to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Jitter Tolerance (OC-12 Mode)*
JTOL(PP)
f = 30 Hz
40
TBD
UIPP
f = 300 Hz
4
TBD
UIPP
f = 25 kHz
4
TBD
UIPP
f = 250 kHz
0.4
TBD
UIPP
Jitter Tolerance (OC-3 Mode)*
JTOL(PP)
f = 30 Hz
40
TBD
UIPP
f = 300 Hz
4
TBD
UIPP
f = 6.5 kHz
4
TBD
UIPP
f = 65 kHz
0.4
TBD
UIPP
RMS Jitter Generation*
JGEN(RMS) with no jitter on serial data
1.6
3.0
mUI
Peak-to-Peak Jitter Generation
JGEN(PP)
with no jitter on serial data
25
55
mUI
Jitter Transfer Bandwidth*
JBW
OC-12 Mode
500
kHz
OC-3 Mode
130
kHz
Jitter Transfer Peaking*
JP
f < 2 MHz
.03
0.1
dB
Acquisition Time
TAQ
After falling edge of
PWRDN/CAL
1.45
1.5
1.7
ms
From the return of valid
data
40
60
150
µs
Input Reference Clock Duty Cycle
CDUTY
40
50
60
%
Reference Clock Range
19.44
155.52
MHz
Input Reference Clock Frequency
Tolerance
CTOL
–100
100
ppm
Frequency Difference at which
Receive PLL goes out of Lock
(REFCLK compared to the divided
down VCO clock)
LOL
TBD
600
TBD
ppm
Frequency Difference at which
Receive PLL goes into Lock
(REFCLK compared to the divided
down VCO clock)
LOCK
TBD
300
TBD
ppm
*Note: Bellcore specifications: GR-253-CORE, Issue 2, December 1995. Using PRBS 223 –1 data pattern.


유사한 부품 번호 - SI5010-BM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5010-BM SILABS-SI5010-BM Datasheet
276Kb / 20P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
More results

유사한 설명 - SI5010-BM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5010 SILABS-SI5010 Datasheet
276Kb / 20P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Renesas Technology Corp
894D115I-01 RENESAS-894D115I-01 Datasheet
423Kb / 17P
   OC-12/STM-4 and OC-3/STM-1 Clock/Data Recovery Device
Rev C 2/19/15
894D115I-04 RENESAS-894D115I-04 Datasheet
441Kb / 16P
   OC-12/STM-4 AND OC-3/STM-1 Clock/Data Recovery Device
January 27, 2016
logo
Silicon Laboratories
SI5013 SILABS-SI5013 Datasheet
400Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
List of Unclassifed Man...
SI5013 ETC1-SI5013 Datasheet
153Kb / 24P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Silicon Laboratories
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Applied Micro Circuits ...
CS1220 AMCC-CS1220 Datasheet
108Kb / 2P
   SONET/SDH/ATM Quad OC-3/12 with Clock Data Recovery (CDR)
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
Exar Corporation
XRT91L31 EXAR-XRT91L31_08 Datasheet
832Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
XRT91L31 EXAR-XRT91L31 Datasheet
339Kb / 41P
   STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com