전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL1615 데이터시트(PDF) 6 Page - Zarlink Semiconductor Inc

부품명 SL1615
상세설명  WIDEBAND LOG IF STRIP AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZARLINK [Zarlink Semiconductor Inc]
홈페이지  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL1615 데이터시트(HTML) 6 Page - Zarlink Semiconductor Inc

  SL1615 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL1615 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL1615 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL1615 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL1615 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL1615 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL1615 Datasheet HTML 7Page - Zarlink Semiconductor Inc SL1615 Datasheet HTML 8Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SL1615
Fig.9 Circuit diagram of low strip
OPERATING NOTES
The amplifiers are intended for use directly coupled, as
shown in Fig. 8.
The seventh stage in an untuned cascade will be giving
virtually full output on noise.
Noise may be reduced by inserting a single tuned circuit in
the chain. As there is a large mismatch between stages a
simple parallel or series circuit cannot be used. This choice of
network is also controlled by the need to avoid distorting the
logarithmic law: the network must give unity voltage transfer at
resonance. A suitable network is shown in Fig. 9. The value of
C3 must be chosen so that at resonance its admittance equals
the total loss conductance across the tuned circuit. Resistor
R12 may be introduced to improve the symmetry of filter
response, providing other values are adjusted for unity gain at
resonance.
A single capacitor may not be suitable for decoupling the
output line if many stages and fast rise times are required.
Centre frequency
60MHz
Dynamic Range
-75dBm to +15dBm
Video rise time
70nSec
Bandwidth
approx. 20MHz
Output voltage
0 - 1.5V
Typical log accuracy
±2dB
The on-chip 500pF supply decoupling capacitor has a
resistance of, typically 10
Ω. It is a junction type having a low
breakdown voltage and consequently the positive supply
current will increase rapidly if the supply voltage exceeds
7.5V. (See Absolute Maximum Ratings).
Values of supply line decoupling capacitor required for
untuned cascades are given below. Smaller values can be
used in high frequency tuned cascades.
The amplifiers have been provided with two ground leads to
avoid the introduction of common ground lead inductance
between input and output circuits. the equipment designer
should take care to aviod the subsequent introduction of such
inductance.
Number of stages
6 or more
5
4
3
Minimum capacitance
30nF
10nF
3nF lnF
Fig.8 Direct coupled amplifiers


유사한 부품 번호 - SL1615

제조업체부품명데이터시트상세설명
logo
General Electric Compan...
SL1610 GEC-SL1610 Datasheet
269Kb / 3P
   RF/IF AMPLIFIERS
SL1610C GEC-SL1610C Datasheet
269Kb / 3P
   RF/IF AMPLIFIERS
SL1611 GEC-SL1611 Datasheet
269Kb / 3P
   RF/IF AMPLIFIERS
SL1611C GEC-SL1611C Datasheet
269Kb / 3P
   RF/IF AMPLIFIERS
SL1612 GEC-SL1612 Datasheet
269Kb / 3P
   RF/IF AMPLIFIERS
More results

유사한 설명 - SL1615

제조업체부품명데이터시트상세설명
logo
Zarlink Semiconductor I...
SL1613 ZARLINK-SL1613 Datasheet
181Kb / 7P
   WIDEBAND LOG IF STRIP AMPLIFIER
SL521 ZARLINK-SL521 Datasheet
327Kb / 7P
   150MHz WIDEBAND LOG AMPLIFIER
SL523 ZARLINK-SL523 Datasheet
359Kb / 9P
   100MHz DUAL WIDEBAND LOG AMPLIFIER
logo
List of Unclassifed Man...
SL531C ETC1-SL531C Datasheet
67Kb / 2P
   250MHz TRUE LOG IF AMPLIFIER
SL531AC ETC1-SL531AC Datasheet
234Kb / 8P
   250MHz TRUE LOG IF AMPLIFIER
logo
New Japan Radio
NJM2232A NJRC-NJM2232A Datasheet
289Kb / 8P
   FM IF WITH LOG AMPLIFIER
NJM2232A NJRC-NJM2232A_1 Datasheet
171Kb / 7P
   FM IF WITH LOG AMPLIFIER
logo
List of Unclassifed Man...
SL531 ETC1-SL531 Datasheet
114Kb / 4P
   250MHz TRUE LOG IF AMPLIFIER
logo
Intersil Corporation
ICL8048 INTERSIL-ICL8048 Datasheet
85Kb / 7P
   Log Amplifier
logo
New Japan Radio
NJM2204A NJRC-NJM2204A_1 Datasheet
158Kb / 5P
   LOG AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com