전자부품 데이터시트 검색엔진 |
|
SL1466KG 데이터시트(PDF) 9 Page - Zarlink Semiconductor Inc |
|
SL1466KG 데이터시트(HTML) 9 Page - Zarlink Semiconductor Inc |
9 / 18 page 8 SL1466 Fig. 5c SL1466 I.O ports internal circuitry Fig. 6 Typical application circuit. Note: Loop component values may need re-optimising on Application and VCO gain setting. VCC VIDEO+, VIDEO– (Pins 25, 26) EE V 500 A VIDEO+ VCC EE V 500 A VIDEO– µ µ IF IP (Pins 21, 22) VEE 2m IF IP 350 350 415 415 VCC IF IP 19 15 16 17 18 20 21 22 23 24 25 26 27 28 VCC C13 1pF C14 330pF R9 1K3 R7 1K3 C9 330pF C8 1pF C6 10nF C5 10nF C7b 100pF C7a 100nF R10 50 C12a 100nF C12b 100pF H1 12 SMA SKT1 RF IN 2 R4 4K7 C4 100nF AGCTIMECONST R5 1K8 R3 6K8 R11 10K H5 H4 H3 2 2 2 1 1 1 VCC C11 100nF RFAGCCONT NC IF AGCSET RFAGCSET IF GND IF IP IF VCC IF IP VIDEOFB- VIDEO- VIDEO+ VIDEOFB+ VCC GND C10a C10b 10uF 100nF VCC H7 1 2 43 S1 SW DIP-2 1 12 VCC VIDEO OUT SKT2 BNC C2a C2b 100nF 100 µF VCC 14 NC NC 13 12 VIDEOPOL 11 VIDEODRIVE 10 VCOGAINSET 9 4.5T,3MM,0 56" L1 C1 NTC 0.5p. 750PPM OSCGND C3a C3b 100nF 100pF VCC VCC 12 H8 H9 12 3 R1 100K Tayo Yudan UMK107 UK0R5CZ-B 8 OSC- OSC+ 7 6 OSCVCC 5 AFCWINDOW 4 AFCSET 3 DIGFLHI 2 1 DIGFLO C12a C12b 100pF 100nF IC1 SL1466_IEE |
유사한 부품 번호 - SL1466KG |
|
유사한 설명 - SL1466KG |