전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL1466QP1S 데이터시트(PDF) 3 Page - Zarlink Semiconductor Inc

부품명 SL1466QP1S
상세설명  Wideband PLL FM Demodulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZARLINK [Zarlink Semiconductor Inc]
홈페이지  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL1466QP1S 데이터시트(HTML) 3 Page - Zarlink Semiconductor Inc

  SL1466QP1S Datasheet HTML 1Page - Zarlink Semiconductor Inc SL1466QP1S Datasheet HTML 2Page - Zarlink Semiconductor Inc SL1466QP1S Datasheet HTML 3Page - Zarlink Semiconductor Inc SL1466QP1S Datasheet HTML 4Page - Zarlink Semiconductor Inc SL1466QP1S Datasheet HTML 5Page - Zarlink Semiconductor Inc SL1466QP1S Datasheet HTML 6Page - Zarlink Semiconductor Inc SL1466QP1S Datasheet HTML 7Page - Zarlink Semiconductor Inc SL1466QP1S Datasheet HTML 8Page - Zarlink Semiconductor Inc SL1466QP1S Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2
SL1466
ELECTRICAL CHARACTERISTICS
T
AMB = -20°C to +80°C, VCC = +4.75 to +5.25V.
These characteristics are guaranteed by either production test or design.
They apply within the specified ambient temperature and supply voltage ranges unless otherwise stated.
Characteristic
Pin
Value
Units
Conditions
Min
Typ
Max
Supply current, Icc
6,23,28
65
mA
RF Section
Operating frequency
21, 22
480
MHz
Input sensitivity
21, 22
-60
dBm
At 27
°C
Input overload
21, 22
0
-7
dBm
Input Impedance
21, 22
75
Internal AGC AMP range
50
dB
VCO Section
VCO dF/dV (K
o
)
10
54
MHz/V
VCO supply sensitivity
6,7,8,9
1.0
MHz/V
At 27
°C
VCO temperature sensitivity
7,8
0.05
MHz/
°C
0-55
°C, V
CC
=5V, 750ppmNTC, 0.5pF
tuning cap.
Video section
Phase detector gain (K
d
)
0.5
V/rad
Differential loop filter
Loop amplifier input
570
R1 in note on loop parameters
impedance
Video drive output swing
11
0.9
Vp-p
Into 75
Ω, 18MHz frequency deviation
11
1.8
Vp-p
Into 1K
Ω, 18MHz frequency deviation
Video drive output
11
100
At 27
°C
Impedance
Video drive luminance
non - linearity
11
2
%
75
Ω load
Differential gain
11
±2%
75
Ω load
Differential phase
11
±2
Deg
75
Ω load
Tilt
11
1.0
%
75
Ω load
Base line distortion
11
0.5
dB
75
Ω load
Intermodulation
11
-46
-40
dB
75
Ω load, see note 1
Signal/noise
11
58
dB
75
Ω load, see note 2
Video polarity select input
12
V
EE
V
Negative polarity
Low
Video polarity select input
12
V
CC
V
Positive polarity
High
Video polarity switch
12
10
µAV
CC
=5.25V
V
in
=0V
leakage current
Video polarity switch
12
10
µAV
CC
=5.25V
V
in
=5.25V
leakage current
Positive to negative video
11
1
dB
gain balance
AFC section
AFC window minimum
0.44
MHz
Deadband measured at 90% of
widths
AFC high voltage
AFC output high voltage
2,3
V
CC
-0.4
V
CC
V
AFC output low voltage
2,3
0
0.4
V


유사한 부품 번호 - SL1466QP1S

제조업체부품명데이터시트상세설명
logo
Mitel Networks Corporat...
SL1466 MITEL-SL1466 Datasheet
175Kb / 16P
   Wideband PLL FM Demodulator Preliminary Information
More results

유사한 설명 - SL1466QP1S

제조업체부품명데이터시트상세설명
logo
Mitel Networks Corporat...
SL1461SA MITEL-SL1461SA Datasheet
285Kb / 12P
   Wideband PLL FM Demodulator
logo
List of Unclassifed Man...
SL1461 ETC2-SL1461 Datasheet
200Kb / 13P
   WIDEBAND PLL FM DEMODULATOR
logo
Unisonic Technologies
L2572 UTC-L2572 Datasheet
250Kb / 14P
   WIDEBAND PLL FM DEMODULATOR
logo
List of Unclassifed Man...
PS20100 ETC2-PS20100 Datasheet
800Kb / 11P
   Wideband PLL FM Demodulator
logo
Zarlink Semiconductor I...
SL1461SA ZARLINK-SL1461SA Datasheet
538Kb / 13P
   Wideband PLL FM Demodulator
logo
Mitel Networks Corporat...
SL1466 MITEL-SL1466 Datasheet
175Kb / 16P
   Wideband PLL FM Demodulator Preliminary Information
logo
Hitachi Semiconductor
HA1196 HITACHI-HA1196 Datasheet
64Kb / 2P
   PLL FM Stereo Demodulator
logo
Silan Microelectronics ...
SA3375 SILAN-SA3375 Datasheet
131Kb / 5P
   PLL FM MULTIPLEXER STEREO DEMODULATOR
SA3370 SILAN-SA3370 Datasheet
133Kb / 4P
   PLL FM MULTIPLEXER STEREO DEMODULATOR
logo
Sanyo Semicon Device
LA3361 SANYO-LA3361 Datasheet
212Kb / 8P
   PLL FM Multiplex Stereo Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com