전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHC1G125DBVR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHC1G125DBVR
상세설명  SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC1G125DBVR 데이터시트(HTML) 3 Page - Texas Instruments

  SN74AHC1G125DBVR Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 1 page
background image
SN74AHC1G125
SINGLE BUS BUFFER GATE
WITH 3-STATE OUTPUT
SCLS377H – AUGUST 1997 – REVISED JANUARY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
1.9
2
1.9
IOH = –50 mA
3 V
2.9
3
2.9
VOH
4.5 V
4.4
4.5
4.4
V
IOH = –4 mA
3 V
2.58
2.48
IOH = –8 mA
4.5 V
3.94
3.8
2 V
0.1
0.1
IOL = 50 mA
3 V
0.1
0.1
VOL
4.5 V
0.1
0.1
V
IOL = 4 mA
3 V
0.36
0.44
IOL = 8 mA
4.5 V
0.36
0.44
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1
mA
IOZ
VI = VCC or GND
5.5 V
±0.25
±2.5
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
1
10
mA
Ci
VI = VCC or GND
5 V
4
10
10
pF
Co
VO = VCC or GND
5 V
10
pF
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL =15 pF
5.6
8
1
9.5
ns
tPHL
A
Y
CL = 15 pF
5.6
8
1
9.5
ns
tPZH
OE
Y
CL =15 pF
5.4
8
1
9.5
ns
tPZL
OE
Y
CL = 15 pF
5.4
8
1
9.5
ns
tPHZ
OE
Y
CL =15 pF
7
9.7
1
11.5
ns
tPLZ
OE
Y
CL = 15 pF
7
9.7
1
11.5
ns
tPLH
A
Y
CL =50 pF
8.1
11.5
1
13
ns
tPHL
A
Y
CL = 50 pF
8.1
11.5
1
13
ns
tPZH
OE
Y
CL =50 pF
7.9
11.5
1
13
ns
tPZL
OE
Y
CL = 50 pF
7.9
11.5
1
13
ns
tPHZ
OE
Y
CL =50 pF
9.5
13.2
1
15
ns
tPLZ
OE
Y
CL = 50 pF
9.5
13.2
1
15
ns


유사한 부품 번호 - SN74AHC1G125DBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC1G125DBVR TI-SN74AHC1G125DBVR Datasheet
453Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125DBVR TI-SN74AHC1G125DBVR Datasheet
484Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125DBVR TI-SN74AHC1G125DBVR Datasheet
488Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125DBVR TI-SN74AHC1G125DBVR Datasheet
587Kb / 14P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125DBVR TI1-SN74AHC1G125DBVR Datasheet
1Mb / 27P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
More results

유사한 설명 - SN74AHC1G125DBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G126 TI1-SN74AUC1G126_07 Datasheet
559Kb / 14P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com