전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA2069AF 데이터시트(PDF) 10 Page - Toshiba Semiconductor

부품명 TA2069AF
상세설명  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2069AF 데이터시트(HTML) 10 Page - Toshiba Semiconductor

Back Button TA2069AF Datasheet HTML 6Page - Toshiba Semiconductor TA2069AF Datasheet HTML 7Page - Toshiba Semiconductor TA2069AF Datasheet HTML 8Page - Toshiba Semiconductor TA2069AF Datasheet HTML 9Page - Toshiba Semiconductor TA2069AF Datasheet HTML 10Page - Toshiba Semiconductor TA2069AF Datasheet HTML 11Page - Toshiba Semiconductor TA2069AF Datasheet HTML 12Page - Toshiba Semiconductor TA2069AF Datasheet HTML 13Page - Toshiba Semiconductor TA2069AF Datasheet HTML 14Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TA2069AF
2002-10-30
10
GVN
∆VREF, ∆K – VCC
Supply voltage VCC (V)
− 7.5
1.5
2.0
2.5
3.0
3.5
4.0
7.5
− 5.0
− 2.5
0.0
2.5
5.0
∆VREF
∆K
1
PW
Vno – Vol.
Volume ratio
0
0.2
0.4
0.6
0.8
500
10
20
50
100
200
Volume
Resistance (PIN(6) − GND)
ratio
Volume resistance
=
PW
RR – Vol.
Volume ratio
0
0.2
0.4
0.5
0.8
1
40
80
70
60
50
fr = 100Hz, Vr = −20dBV
Resistance (PIN(6) − GND)
Volume resistance
Volume ratio =
−10
GVN
∆VREF, ∆K – Im
Motor current Im (mA)
0
50
100
150
200
250
300
10
− 5
0
5
∆VREF
∆K
GVN
ICCQ, ICC – Ta
Ambient temperature Ta (°C)
− 20
0
20
40
60
80
20
0
5
10
15
ICCQ (PRE + PW + GVN, Vol.=MIN)
ICC (GVM : Im = 0)
PW
Vo – Vol.
Volume ratio
0
0.2
0.4
0.6
0.8
1
10
− 90
− 70
− 50
− 30
− 10
=
Volume
Resistance (PIN(6) − GND)
ratio
Volume resistance
0dB = −10dBV
=


유사한 부품 번호 - TA2069AF

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA2069A TAI-SAW-TA2069A Datasheet
452Kb / 10P
   SAW Filter 876.5 MHz Band 26Rx SMD 1.1X0.9 mm (BW=35 MHz)
More results

유사한 설명 - TA2069AF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com