전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XRD8775 데이터시트(PDF) 6 Page - Exar Corporation

부품명 XRD8775
상세설명  CMOS 8-Bit High Speed Analog-to-Digital Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

XRD8775 데이터시트(HTML) 6 Page - Exar Corporation

Back Button XRD8775 Datasheet HTML 2Page - Exar Corporation XRD8775 Datasheet HTML 3Page - Exar Corporation XRD8775 Datasheet HTML 4Page - Exar Corporation XRD8775 Datasheet HTML 5Page - Exar Corporation XRD8775 Datasheet HTML 6Page - Exar Corporation XRD8775 Datasheet HTML 7Page - Exar Corporation XRD8775 Datasheet HTML 8Page - Exar Corporation XRD8775 Datasheet HTML 9Page - Exar Corporation XRD8775 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
XRD8775
6
Rev. 4.00
APPLICATION NOTES
Signals should not exceed AV
DD +0.5V or go below
AGND -0.5V or DV
DD +0.5V or DGND -0.5V. All pins
have internal protection diodes that will protect them
from short transients (<100
µs) outside the supply
range.
AGND and DGND pins are connected internally through
the P- substrate. DC voltage differences between these
pins will cause undesirable internal substrate currents.
The power supply (AV
DD) and reference voltage (VRT &
V
RB) pins should be decoupled with 0.1µF and 10µF
capacitors to AGND, placed as close to the chip as
possible.
The digital outputs should not drive long wires or buses.
The capacitive coupling and reflections will contribute
noise to the conversion.
To avoid timing errors, use the rising edge of the sample
clock (CLK) to latch data from the XRD8775 to other
parts of the system.
The reference can be biased internally by shorting V
RT
to V
RTS and VRB to VRBS. This will generate 0.6V at VRB
and 2.6V at V
RT (see Figure 5.).
If the internal reference pins V
RTS and/or VRBS are not
used they should be left unconnected.
Graph 1. DNL vs. Code
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
32
64
96
128
160
192
224
256
Code
Vdd = 5.0V
Vrt = 2.6V
Vrb = 0.6V
Fs = 15MHz
Ta = 25
oC


유사한 부품 번호 - XRD8775

제조업체부품명데이터시트상세설명
logo
Exar Corporation
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8785AID EXAR-XRD8785AID Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8785AIK EXAR-XRD8785AIK Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8785AIP EXAR-XRD8785AIP Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD8799 EXAR-XRD8799 Datasheet
401Kb / 23P
   LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
More results

유사한 설명 - XRD8775

제조업체부품명데이터시트상세설명
logo
Exar Corporation
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
   CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
   CMOS 8-Bit High Speed Analog-to-Digital Converter
logo
NXP Semiconductors
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
    8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
TDF8704 PHILIPS-TDF8704 Datasheet
137Kb / 20P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8718 PHILIPS-TDA8718 Datasheet
110Kb / 16P
   8-bit high-speed analog-to-digital converter
June 1994
TDA8714 PHILIPS-TDA8714 Datasheet
154Kb / 24P
   8-bit high-speed analog-to-digital converter
1997 Oct 29
TDA8703 PHILIPS-TDA8703 Datasheet
141Kb / 18P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
TDA8716 PHILIPS-TDA8716 Datasheet
167Kb / 21P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
logo
Texas Instruments
TLC5540 TI-TLC5540 Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com