전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC4024D 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74HC4024D
상세설명  7-stage binary ripple counter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4024D 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74HC4024D Datasheet HTML 5Page - NXP Semiconductors 74HC4024D Datasheet HTML 6Page - NXP Semiconductors 74HC4024D Datasheet HTML 7Page - NXP Semiconductors 74HC4024D Datasheet HTML 8Page - NXP Semiconductors 74HC4024D Datasheet HTML 9Page - NXP Semiconductors 74HC4024D Datasheet HTML 10Page - NXP Semiconductors 74HC4024D Datasheet HTML 11Page - NXP Semiconductors 74HC4024D Datasheet HTML 12Page - NXP Semiconductors 74HC4024D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9397 750 13813
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
9 of 18
Philips Semiconductors
74HC4024
7-stage binary ripple counter
Tamb = −40 °C to +85 °C
tPHL, tPLH
propagation delay CP to Q0
see Figure 6
VCC = 2.0 V
-
-
220
ns
VCC = 4.5 V
-
-
44
ns
VCC = 6.0 V
-
-
37
ns
propagation delay Qn to Qn+1
see Figure 6
VCC = 2.0 V
-
-
100
ns
VCC = 4.5 V
-
-
20
ns
VCC = 6.0 V
-
-
17
ns
tPHL
propagation delay MR to Q0
see Figure 6
VCC = 2.0 V
-
-
250
ns
VCC = 4.5 V
-
-
50
ns
VCC = 6.0 V
-
-
43
ns
tTHL, tTLH
output transition time
see Figure 6
VCC = 2.0 V
-
-
95
ns
VCC = 4.5 V
-
-
19
ns
VCC = 6.0 V
-
-
16
ns
tW
CP clock pulse width HIGH or
LOW
see Figure 6
VCC = 2.0 V
100
-
-
ns
VCC = 4.5 V
20
-
-
ns
VCC = 6.0 V
17
-
-
ns
MR master reset pulse width
HIGH
see Figure 6
VCC = 2.0 V
100
-
-
ns
VCC = 4.5 V
20
-
-
ns
VCC = 6.0 V
17
-
-
ns
trem
removal time MR to CP
see Figure 6
VCC = 2.0 V
65
-
-
ns
VCC = 4.5 V
13
-
-
ns
VCC = 6.0 V
11
-
-
ns
fmax
maximum clock frequency
see Figure 6
VCC = 2.0 V
4.8
-
-
MHz
VCC = 4.5 V
24
-
-
MHz
VCC = 6.0 V
28
-
-
MHz
Table 8:
Dynamic characteristics …continued
GND = 0 V; tr =tf = 6 ns; CL = 50 pF; see Figure 7.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - 74HC4024D

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74HC4024D NEXPERIA-74HC4024D Datasheet
218Kb / 13P
   7-stage binary ripple counter
Rev. 10 - 23 November 2018
74HC4024D-Q100 NEXPERIA-74HC4024D-Q100 Datasheet
219Kb / 13P
   7-stage binary ripple counter
More results

유사한 설명 - 74HC4024D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC4024 PHILIPS-74HC4024 Datasheet
42Kb / 7P
   7-stage binary ripple counter
December 1990
logo
Nexperia B.V. All right...
74HC4024-Q100 NEXPERIA-74HC4024-Q100 Datasheet
219Kb / 13P
   7-stage binary ripple counter
74HC4024 NEXPERIA-74HC4024 Datasheet
218Kb / 13P
   7-stage binary ripple counter
Rev. 10 - 23 November 2018
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
CD4024BM NSC-CD4024BM Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
logo
Fairchild Semiconductor
CD4024BC FAIRCHILD-CD4024BC Datasheet
56Kb / 6P
   7-Stage Ripple Carry Binary Counter
logo
STMicroelectronics
HCF4024B STMICROELECTRONICS-HCF4024B Datasheet
235Kb / 10P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS 7 STAGE
logo
Toshiba Semiconductor
TC4024BP TOSHIBA-TC4024BP_07 Datasheet
314Kb / 9P
   7 Stage Ripple-Carry Binary Counter/Dividers
TC4024BP TOSHIBA-TC4024BP Datasheet
249Kb / 6P
   7 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
logo
List of Unclassifed Man...
IW4024B ETC1-IW4024B Datasheet
318Kb / 7P
   7 Stage Ripple-Carry Binary Counter/Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com