전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RBOX201-6COM 데이터시트(PDF) 2 Page - Axiomtek Co., Ltd.

부품명 RBOX201-6COM
상세설명  Robust DIN-rail Fanless Embedded System with AMD LX800 CS5536AF
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXIOMTEK [Axiomtek Co., Ltd.]
홈페이지  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

RBOX201-6COM 데이터시트(HTML) 2 Page - Axiomtek Co., Ltd.

  RBOX201-6COM_17 Datasheet HTML 1Page - Axiomtek Co., Ltd. RBOX201-6COM_17 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
352
axiomtek.com
© 2017 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
8
9
10
11
1
0
Specifications
Ordering Information
Dimensions
Operating Temperature
-40°C ~ +70°C (-40°F ~ +158°F)
Humidity
10% ~ 95%
Weight (net/gross)
1.9 kg (4.18 lb)/ 2.24 kg (4.93 lb)
Dimensions
100.6 mm (3.96") (W) x 110 mm (4.33") (D) x 135 mm (5.31") (H)
EOS Support
XPE, WinCE, Linux support package
ISO
Manufactured in an ISO9001 facility
Safety
Compliance
UL 508, UL 60950-1
Heavy Industrial CE, including:
EN 60950-1, IEC 60950-1
EMI
Compliance
FCC Part 18
Heavy Industrial CE, including:
EN 61000-6-4, EN 61000-3-2, EN 61000-3-3
EMS
Compliance
EN 50121-4 (Railway application)
Heavy Industrial CE, including:
EN 61000-6-2
EN 61000-4-2 (ESD standards)
* Contact: +/- 6 KV; criteria B
* Air: +/- 8 KV; criteria B
EN 61000-4-3 (radiated RFI standards)
* 10V/m, 80 to 1000 MHz; 80% AM criteria A
EN 61000-4-4 (burst standards)
* Signal ports: +/- 2 KV; criteria B
* DC power ports: +/- 2 KV; criteria B
EN 61000-4-5 (surge standards)
* Signal ports: +/- 1 KV; line-to-line; criteria B
* DC power ports: +/- 0.5 KV; line-to-earth; criteria B
EN 61000-4-6 (induced RFI standards)
* Signal ports: 10 Vrms @ 0.15 ~ 80 MHz; 80% AM
criteria A
* DC power ports: 10 Vrms @ 0.15 ~ 80 MHz; 80% AM
criteria A
EN 61000-4-8 (magnetic field standards)
* 30 A/m @ 50, 60 Hz; criteria A
Standard
rBOX201-6COM-FL-DC
Robust DIN-rail fanless embedded system with AMD LX800
processor and 6 isolated COM ports (-40°C ~ +70°C)
Optional
DDR SO-DIMM
512MB ~ 1GB (with W.T. memory)
CompactFlash™
2GB or above (with W.T. CF)
Wall mount kit
Wireless (3G/GPRS) module for rBOX seriesit
*Specifications and certifications are based on options and may vary.
Environmental Test
IEC 60068-2-6 Fc (vibration resistance)
5 g @ 10 ~ 150 Hz, amplitude 0.35 mm (operation/storage/
transport)
IEC 60068-2-27 Ea (shock) 25 g @ 11 ms (half-sine shock
pulse; operation);
50 g @ 11 ms (half-sine shock pulse;
storage/transport)
IEC 60068-2-32 Ed (free fall) 1 M (3.281ft)


유사한 부품 번호 - RBOX201-6COM_17

제조업체부품명데이터시트상세설명
logo
Axiomtek Co., Ltd.
RBOX201-6COM AXIOMTEK-RBOX201-6COM_16 Datasheet
341Kb / 2P
   Fanless and cableless design
More results

유사한 설명 - RBOX201-6COM_17

제조업체부품명데이터시트상세설명
logo
Axiomtek Co., Ltd.
RBOX200 AXIOMTEK-RBOX200_17 Datasheet
406Kb / 2P
   Robust DIN-rail Fanless Embedded System with AMD LX800 CS5536AF
RBOX201-4COM AXIOMTEK-RBOX201-4COM_17 Datasheet
335Kb / 2P
   Robust DIN-rail Fanless Embedded System with AMD LX800 CS5536AF
RBOX204 AXIOMTEK-RBOX204_17 Datasheet
387Kb / 2P
   Robust DIN-rail Fanless Embedded System with AMD LX800 CS5536AF and 4-port PoE
RBOX120-2COM AXIOMTEK-RBOX120-2COM_17 Datasheet
575Kb / 2P
   Robust Din-rail Fanless Embedded System
RBOX310-4COM AXIOMTEK-RBOX310-4COM Datasheet
714Kb / 2P
   Robust Din-rail Fanless Embedded System
RBOX120-2COM AXIOMTEK-RBOX120-2COM Datasheet
581Kb / 2P
   Robust Din-rail Fanless Embedded System
ICO310 AXIOMTEK-ICO310 Datasheet
336Kb / 2P
   Robust Din-rail Fanless Embedded System with Intel Celeron
ICO300 AXIOMTEK-ICO300_17 Datasheet
345Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Atom Processor
ICO310 AXIOMTEK-ICO310_17 Datasheet
300Kb / 2P
   Robust DIN-rail Fanless Embedded System with Intel Celeron Processor
logo
AAEON Technology
AEC-6811 AAEON-AEC-6811 Datasheet
536Kb / 2P
   Fanless Embedded Controller With AMD Geode LX800
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com