전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0901301314 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 0901301314
상세설명  C-Grid III Header, Dual Row, Vertical, Shrouded, Fully Loaded, 14 Circuits, Black
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX1 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0901301314 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  0901301314_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0901301314_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3.0A
Voltage - Maximum
350V AC/DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
003
Lead-freeProcess Capability
WAVE
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
235
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-91814-005
Product Specification
PS-99020-0001-001
Sales Drawing
SDA-90130
This document was generated on 10/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - 0901301314_17

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0901301314 MOLEX10-0901301314 Datasheet
596Kb / 7P
   2.54mm (.100) Pitch C-Grid III??Header, Dual Row, Vertical, Shrouded, Fully Loaded, 14 Circuits, Black, 0.76關m (30關) Gold (Au) Selective Plating
More results

유사한 설명 - 0901301314_17

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0901301114 MOLEX1-0901301114_17 Datasheet
33Kb / 2P
   C-Grid III Header, Dual Row, Vertical, Shrouded, Fully Loaded, 14 Circuits, Black
0901301214 MOLEX1-0901301214_17 Datasheet
33Kb / 2P
   C-Grid III Header, Dual Row, Vertical, Shrouded, Fully Loaded, 14 Circuits, Black
0901301116 MOLEX1-0901301116_17 Datasheet
33Kb / 2P
   C-Grid III Header, Dual Row, Vertical, Shrouded, Fully Loaded, 16 Circuits, Black
0901301134 MOLEX1-0901301134_17 Datasheet
33Kb / 2P
   C-Grid III Header, Dual Row, Vertical, Shrouded, Fully Loaded, 34 Circuits, Black
0901301128 MOLEX1-0901301128_17 Datasheet
33Kb / 2P
   C-Grid III Header, Dual Row, Vertical, Shrouded, Fully Loaded, 28 Circuits, Black
0901301212 MOLEX1-0901301212_17 Datasheet
33Kb / 2P
   C-Grid III Header, Dual Row, Vertical, Shrouded, Fully Loaded, 12 Circuits, Black
0901301216 MOLEX1-0901301216_17 Datasheet
33Kb / 2P
   C-Grid III Header, Dual Row, Vertical, Shrouded, Fully Loaded, 16 Circuits, Black
0901301240 MOLEX1-0901301240_17 Datasheet
33Kb / 2P
   C-Grid III Header, Dual Row, Vertical, Shrouded, Fully Loaded, 40 Circuits, Black
0901301106 MOLEX1-0901301106_17 Datasheet
33Kb / 2P
   C-Grid III Header, Dual Row, Vertical, Shrouded, Fully Loaded, 6 Circuits, Black
0901301132 MOLEX1-0901301132_17 Datasheet
33Kb / 2P
   C-Grid III Header, Dual Row, Vertical, Shrouded, Fully Loaded, 32 Circuits, Black
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com