전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCD-016N004A 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 LCD-016N004A
상세설명  16 x 4 Character LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-016N004A 데이터시트(HTML) 1 Page - Vishay Siliconix

  LCD-016N004A Datasheet HTML 1Page - Vishay Siliconix LCD-016N004A Datasheet HTML 2Page - Vishay Siliconix LCD-016N004A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LCD-016N004A
www.vishay.com
Vishay
Revision: 09-Oct-12
1
Document Number: 37305
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16 x 4 Character LCD
FEATURES
• Type: Character
• Display format: 16 x 4 characters
• Built-in controller: ST 7066 (or equivalent)
• Duty cycle: 1/16
• 5 x 8 dots includes cursor
• + 5 V power supply (also available for + 3 V)
• LED can be driven by pin 1, pin 2, pin 15, pin 16 or A and K
• N.V. optional for 3 V power supply
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
•VSS = 0 V, VDD = 5.0 V
For detailed information, please see the “Product Numbering System” document.
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
87.0 x 60.0
mm
Viewing Area
62.0 x 26.0
Dot Size
0.55 x 0.55
Dot Pitch
0.60 x 0.60
Mounting Hole
82.0 x 55.0
Character Size
2.95 x 4.75
ABSOLUTE MAXIMUM RATINGS
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD to VSS
- 0.3
-
7.0
V
Input Voltage
VI
- 0.3
-
VDD
ELECTRICAL CHARACTERISTICS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
VDD = + 5 V
4.7
5.0
5.3
V
VDD = + 3 V
2.7
3.0
5.3
V
Supply Current
IDD
VDD = + 5 V
-1.0
1.2
mA
Recommended LC Driving
Voltage for Normal Temperature
Version Module
VDD to V0
- 20 °C
5.0
5.1
5.7
V
0 °C
4.6
4.8
5.2
25 °C
4.1
4.5
4.7
50 °C
3.9
4.2
4.5
70 °C
3.7
3.9
4.3
LED Forward Voltage
VF
25 °C
-
4.2
4.6
V
LED Forward Current
IF
25 °C
-
220
440
mA
EL Power Supply Current
IEL
VEL = 110 VAC, 400 Hz
--
5.0
mA
OPTIONS
PROCESS COLOR
BACKLIGHT
TN
STN
Gray
STN
Yellow
STN
Blue
FSTN
B&W
STN
Color
None
LED
EL
CCFL
xxxx
x
xxx
DISPLAY CHARACTER ADDRESS CODE
Display Position
123456
789
10
11
12
13
14
15
16
DD RAM Address
00
010203040506
070809
0A
0B
0C
0D
0E
0F
DD RAM Address
40
414243444546
474849
4A
4B
4C
4D
4E
4F
DD RAM Address
10
111213141516
171819
1A
1B
1C
1D
1E
1F
DD RAM Address
50
515253545556
575859
5A
5B
5C
5D
5E
5F


유사한 부품 번호 - LCD-016N004A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-016N004A VISHAY-LCD-016N004A Datasheet
75Kb / 3P
   16 x 4 Character LCD
01-Jan-2022
LCD-016N004A VISHAY-LCD-016N004A Datasheet
75Kb / 3P
   16 x 4 Character LCD
01-Jan-2023
LCD-016N004A VISHAY-LCD-016N004A_V01 Datasheet
75Kb / 3P
   16 x 4 Character LCD
01-Jan-2022
LCD-016N004A VISHAY-LCD-016N004A_V02 Datasheet
75Kb / 3P
   16 x 4 Character LCD
01-Jan-2023
More results

유사한 설명 - LCD-016N004A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
LCD-016N004B VISHAY-LCD-016N004B Datasheet
76Kb / 3P
   16 x 4 Character LCD
Revision: 09-Oct-12
LCD-016N004A VISHAY-LCD-016N004A_V01 Datasheet
75Kb / 3P
   16 x 4 Character LCD
01-Jan-2022
LCD-016N004A VISHAY-LCD-016N004A_V02 Datasheet
75Kb / 3P
   16 x 4 Character LCD
01-Jan-2023
LCD-016M004A VISHAY-LCD-016M004A Datasheet
112Kb / 3P
   16 x 4 Character LCD
Revision 01-Oct-02
LCD-016N004B VISHAY-LCD-016N004B_V01 Datasheet
73Kb / 3P
   16 x 4 Character LCD
01-Jan-2022
LCD-016M004B VISHAY-LCD-016M004B Datasheet
113Kb / 3P
   16 x 4 Character LCD
Revision 01-Oct-02
LCD-016M001L VISHAY-LCD-016M001L Datasheet
79Kb / 2P
   16 x 1 Character LCD
Revision 01-Oct-02
LCD-016N002D VISHAY-LCD-016N002D Datasheet
76Kb / 3P
   16 x 2 Character LCD
Revision: 29-Oct-08
LCD-016N002J VISHAY-LCD-016N002J Datasheet
72Kb / 3P
   16 x 2 Character LCD
Revision: 22-Jun-17
LCD-016N002L1 VISHAY-LCD-016N002L1 Datasheet
77Kb / 3P
   16 x 2 Character LCD
Revision: 02-Oct-12
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com