전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7910ARM-REEL7 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD7910ARM-REEL7
상세설명  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7910ARM-REEL7 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD7910ARM-REEL7 Datasheet HTML 3Page - Analog Devices AD7910ARM-REEL7 Datasheet HTML 4Page - Analog Devices AD7910ARM-REEL7 Datasheet HTML 5Page - Analog Devices AD7910ARM-REEL7 Datasheet HTML 6Page - Analog Devices AD7910ARM-REEL7 Datasheet HTML 7Page - Analog Devices AD7910ARM-REEL7 Datasheet HTML 8Page - Analog Devices AD7910ARM-REEL7 Datasheet HTML 9Page - Analog Devices AD7910ARM-REEL7 Datasheet HTML 10Page - Analog Devices AD7910ARM-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. B
AD7910/AD7920
–7–
PIN FUNCTION DESCRIPTIONS
Mnemonic
Function
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the AD7910/
AD7920 and framing the serial data transfer.
VDD
Power Supply Input. The VDD range for the AD7910/AD7920 is from 2.35 V to 5.25 V.
GND
Analog Ground. Ground reference point for all circuitry on the AD7910/AD7920. All analog input signals should be
referred to this GND voltage.
VIN
Analog Input. Single-ended analog input channel. The input range is 0 to VDD.
SDATA
Data Out. Logic output. The conversion result from the AD7910/AD7920 is provided on this output as a serial data
stream. The bits are clocked out on the falling edge of the SCLK input. The data stream from the AD7920 consists
of four leading zeros followed by the 12 bits of conversion data, which is provided MSB first. The data stream from
the AD7910 consists of four leading zeros followed by the 10 bits of conversion data followed by two trailing zeros,
which is also provided MSB first.
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock input is also
used as the clock source for the AD7910/AD7920 conversion process.
NC
No Connect
PIN CONFIGURATIONS
6-Lead SC70
TOP VIEW
(Not to Scale)
6
5
4
1
2
3
VDD
GND
VIN
CS
SDATA
SCLK
AD7910/
AD7920
8-Lead MSOP
8
7
6
5
1
2
3
4
VDD
SDATA
CS
VIN
GND
SCLK
NC
NC
TOP VIEW
(Not to Scale)
AD7910/
AD7920
NC = NO CONNECT


유사한 부품 번호 - AD7910ARM-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7910ARM-REEL7 AD-AD7910ARM-REEL7 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
More results

유사한 설명 - AD7910ARM-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920BRMZ AD-AD7920BRMZ Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7476A AD-AD7476A Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276 Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com