전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

T520W107M010ATE040 데이터시트(PDF) 1 Page - Kemet Corporation

부품명 T520W107M010ATE040
상세설명  Tantalum, Polymer Tantalum, T520, 100 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, Height Max = 1.5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520W107M010ATE040 데이터시트(HTML) 1 Page - Kemet Corporation

  T520W107M010ATE040 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - ea6211aa-c416-4e2f-8236-cd93130b5d6f
KEMET Part Number: T520W107M010ATE040
Tantalum, Polymer Tantalum, T520, 100 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40
mOhms, Height Max = 1.5mm
Dimensions
Footprint
7343
L
7.3mm +/-0.3mm
W
4.3mm +/-0.3mm
H
1.4mm +/-0.1mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.4mm +/-0.1mm
A
3.6mm MIN
X
0.05mm REF
Packaging Specifications
Weight: 222.95 mg
Packaging: T&R, 178mm
Packaging Quantity: 1000
General Information
Dielectric: Polymer Tantalum
Style: SMD Chip
Series: T520
Description: SMD, Polymer, Molded, Low
Profile/ESR, NonCombustible
Features: Low ESR
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 100 uF
Capacitance Tolerance: 20%
Voltage DC: 10 VDC (105C)
Temperature Range: -55/+105C
Dissipation Factor: 10% 120Hz 25C
Failure Rate: N/A
Resistance: 40 mOhms (100kHz 25C)
Current:
2100 mAmps (100kHz 45C),
1470 mAmps (85C), 525 mAmps
(105C)
Leakage Current: 100 uA (5min 25C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


유사한 부품 번호 - T520W107M010ATE040

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
T520W107M003AHE015 KEMET-T520W107M003AHE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520W107M003ASE015 KEMET-T520W107M003ASE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520W107M003ATE015 KEMET-T520W107M003ATE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520W107M004AHE015 KEMET-T520W107M004AHE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520W107M004ASE015 KEMET-T520W107M004ASE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
More results

유사한 설명 - T520W107M010ATE040

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
T520W686M010ATE040 KEMET-T520W686M010ATE040 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T520, 68 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, Height Max = 1.5mm
T520W337M2R5ATE040 KEMET-T520W337M2R5ATE040 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 2.5 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, Height Max = 1.5mm
T520W157M006ATE040 KEMET-T520W157M006ATE040 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T520, 150 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, 1.5mm
T521W476M020ATE040 KEMET-T521W476M020ATE040 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T521, 47 uF, 20%, 20 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, Height Max = 1.5mm
T520W686M010ATE025 KEMET-T520W686M010ATE025 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T520, 68 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 25mOhms, Height Max = 1.5mm
T520V227M006ATE040 KEMET-T520V227M006ATE040 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T520, 220 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, Height Max = 1.9mm
T521W476M016ATE040 KEMET-T521W476M016ATE040 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T521, 47 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, Height Max = 1.5mm
T520V337M004ATE040 KEMET-T520V337M004ATE040 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 4 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 40mOhms, Height Max = 1.9mm
T520W337M2R5ATE025 KEMET-T520W337M2R5ATE025 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T520, 330 uF, 20%, 2.5 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 25mOhms, Height Max = 1.5mm
T520W477M006ATE035 KEMET-T520W477M006ATE035 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T520, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low Profile/ESR, NonCombustible, 35mOhms, Height Max = 1.5mm
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com