전자부품 데이터시트 검색엔진 |
|
GW12LJHD 데이터시트(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
GW12LJHD 데이터시트(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd. |
1 / 4 page Series GW Ultra-Thin Fully Illuminated Paddles B36 B www.nkkswitches.com General Specifications Electrical Capacity (Resistive Load) Logic Level: 0.4VA maximum @ 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V) Note: Find additional explanation of operating range in Supplement section. Other Ratings Contact Resistance: 80 milliohms maximum Insulation Resistance: 500 megohms minimum @ 500V DC Dielectric Strength: 500V AC minimum for 1 minute minimum Mechanical Life: 50,000 operations minimum Electrical Life: 50,000 operations minimum Nominal Operating Force: 1.0N Angle of Throw: 28° Materials & Finishes Actuator: Polycarbonate resin (UL94V-0) Case: Glass fiber reinforced polyamide (UL94V-0) Sealing Ring: Nitrile butadiene rubber Base: Glass fiber reinforced polyamide Movable Contact: Phosphor bronze with gold plating Stationary Contact: Phosphor bronze with gold plating Terminals: Phosphor bronze with gold plating Environmental Data Operating Temperature Range: –25°C through +55°C (–13°F through +131°F) Humidity: 90 ~ 95% humidity for 240 hours @ 40°C (104°F) Vibration: 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 5 minutes; 3 right angled directions for 2 hours Shock: 50G (490m/s2) acceleration (tested in 3 right angled directions, with 5 shocks in each direction) PCB Processing Soldering: Wave Soldering recommended. See Profile A in Supplement section. Manual Soldering: See Profile A in Supplement section. Cleaning: These devices are not process sealed. Hand clean locally using alcohol based solution. Standards & Certifications Flammability Standard: UL94V-0 actuator & case The GW Series illuminated paddles have not been tested for UL recognition or CSA certification. These switches are designed for use in a low-voltage, low-current, logic-level circuit. When used as intended in a logic-level circuit, the results do not produce hazardous energy. |
유사한 부품 번호 - GW12LJHD |
|
유사한 설명 - GW12LJHD |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |