전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX70J 데이터시트(PDF) 1 Page - Zetex Semiconductors

부품명 BCX70J
상세설명  SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZETEX [Zetex Semiconductors]
홈페이지  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BCX70J 데이터시트(HTML) 1 Page - Zetex Semiconductors

  BCX70J Datasheet HTML 1Page - Zetex Semiconductors BCX70J Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 NPN SILICON PLANAR
SMALL SIGNAL TRANSISTOR
ISSUE 2 – FEBRUARY 95
PARTMARKING DETAIL –
BCX70G
– AG
BCX70H
– AH
BCX70J
– AJ
BCX70K
– AK
BCX70GR – AW
BCX70HR – 9P
BCX70JR – AX
BCX70KR – P9
COMPLEMENTARY TYPE – BCX71
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Emitter Voltage
VCES
45
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
5V
Continuous Collector Current
IC
200
mA
Base Current
IB
50
mA
Power Dissipation at Tamb=25°C
PTOT
330
mW
Operating and Storage Temperature Range
tj:tstg
-55 to +150
°C
FOUR TERMINAL NETWORK DATA (Ic=2mA, VCE=5V, f=1kHz)
hFEGroup G
hFEGroup H
hFEGroup J
hFEGroup K
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
h11e
1.6
2.7
4.5
2.5
3.6
6.0
3.2
4.5
8.5
4.5
7.5
12
kΩ
h12e
1.5
2
2
3
10-4
h21e
200
260
330
520
h22e
18
30
24
50
30
60
50
100
µ
S
SWITCHING CIRCUIT
BCX70
PAGE NO
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT CONDITIONS.
Collector-Emitter Breakdown Voltage
V(BR)CEO
45
V
IC=2mA
Emitter-Base Breakdown Voltage
V(BR)EBO
5V
IEBO=1µA
Collector-Emitter Cut-off Current
ICES
20
20
nA
µ
A
VCES=45V
VCES=45V,
Tamb=150oC
Emitter-Base Cut-Off Current
IEBO
20
nA
VEBO=4V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.12
0.20
0.35
0.55
V
V
IC=10mA,IB= 0.25mA
IC= 50mA, IB=1.25mA
Base-Emitter
Saturation Voltage
VBE(SAT)
0.60
0.70
0.70
0.83
0.85
1.05
V
V
IC=10mA,IB=0.25mA,
IC=50mA, IB=1.25mA
Base - Emitter Voltage
VBE
0.55
0.52
0.65
0.78
0.75
V
V
V
IC=10µA, VCE=5V
IC=2mA, VCE=5V
IC=50mA, VCE=1V
Static Forward Current
Transfer Ratio
BCX70G
hFE
120
50
78
170
220
IC=10µA, VCE=5V
IC=2mA, VCE=5V
IC=50mA, VCE=1V
BCX70H
hFE
20
180
70
145
250
310
IC=10µA, VCE=5V
IC=2mA, VCE=5V
IC=50mA, VCE=1V
BCX70J
hFE
40
250
90
220
350
460
IC=10µA, VCE=5V
IC=2mA, VCE=5V
IC=50mA, VCE=1V
BCX70K
hFE
100
380
100
300
500
630
IC=10µA, VCE=5V
IC=2mA, VCE=5V
IC=50mA, VCE=1V
Transition Frequency
fT
125
250
MHz IC =10mA, VCE=5V
f = 100MHz
Emitter-Base Capacitance
Cebo
8pF
VEBO=0.5V, f =1MHz
Collector-Base Capacitance
Ccbo
4.5
pF
VCBO=10V, f =1MHz
Noise Figure
N
2
6
dB
IC= 0.2mA, VCE= 5V
RG =2KΩ, f=1KH
f=200Hz
Switching times:
Delay Time
Rise Time
Turn-on Time
Storage Time
Fall Time
Turn-Off Time
td
tr
ton
ts
tf
toff
35
50
85
400
80
480
150
800
ns
ns
ns
ns
ns
ns
IC:IB1:- IB2=10:1:1mA
R1=5KΩ, R2=5KΩ
VBB=3.6V, RL=990Ω
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle
Spice parameter data is available upon request for this device
BCX70
C
B
E
R1
R2
RL
50
VCC(+10V)
-VBB
+10V
tr < 5nsec
Zin 100k
Oscilloscope
1µsec
tr < 5nsec
Mark/Space ratio < 0.01
Zs=50


유사한 부품 번호 - BCX70J

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCX70J PHILIPS-BCX70J Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
logo
Shenzhen Jin Yu Semicon...
BCX70J HTSEMI-BCX70J Datasheet
1Mb / 3P
   TRANSISTOR (NPN)
logo
SHIKUES Electronics
BCX70J SKTECHNOLGY-BCX70J Datasheet
541Kb / 2P
   NPN medium power transistor
logo
Samsung semiconductor
BCX70J SAMSUNG-BCX70J Datasheet
35Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Rohm
BCX70J ROHM-BCX70J Datasheet
992Kb / 3P
   NPN small signal transistor
More results

유사한 설명 - BCX70J

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
FMMT2484 ZETEX-FMMT2484 Datasheet
31Kb / 1P
   SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
List of Unclassifed Man...
FMMT2484 ETC-FMMT2484 Datasheet
28Kb / 1P
   SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Zetex Semiconductors
FMMTA20 ZETEX-FMMTA20 Datasheet
35Kb / 1P
   SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR
FMMT5088 ZETEX-FMMT5088 Datasheet
31Kb / 1P
   SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
BCW60 ZETEX-BCW60 Datasheet
68Kb / 2P
   SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
BCW31 ZETEX-BCW31 Datasheet
32Kb / 1P
   SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
logo
List of Unclassifed Man...
FMMT5088 ETC1-FMMT5088 Datasheet
37Kb / 1P
   SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
logo
Zetex Semiconductors
FMMT5209 ZETEX-FMMT5209 Datasheet
31Kb / 1P
   SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
FMMT5087 ZETEX-FMMT5087 Datasheet
29Kb / 1P
   SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
FMMTA70 ZETEX-FMMTA70 Datasheet
28Kb / 1P
   SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com