전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS2BH 데이터시트(PDF) 1 Page - GOOD-ARK Electronics

부품명 LS2BH
상세설명  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS2BH 데이터시트(HTML) 1 Page - GOOD-ARK Electronics

  LS2BH Datasheet HTML 1Page - GOOD-ARK Electronics LS2BH Datasheet HTML 2Page - GOOD-ARK Electronics LS2BH Datasheet HTML 3Page - GOOD-ARK Electronics LS2BH Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LS2BH thru LS2CH
Surface Mount Schottky Rectifier
Reverse Voltage 100~200V Forward Current 2A
Features
• Schottky barrier diodes
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
Typical Applications
For use of fast swiching in RF module, lighting, cellular phone, portable device,
power supplies, and other consumer applications.
VRRM
100
150
200
V
VRMS
70
105
140
V
VDC
100
150
200
V
IF(AV)
A
IFSM
A
TJ, TSTG
°C
Maximum instantaneous
forward voltage
IF=2A, Tj=25℃
VF
Volts
TA=25℃
TA=125℃
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance
juntion to lead
RθJL
℃/W
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
50
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
LS2BH
LS2B5H
LS2CH
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
2.0
mA
30
Operating junction and storage temperature range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
LS2BH
LS2B5H
LS2CH
Unit
0.85
Maximum DC reverse current at
rated DC blocking voltage
IR
0.2
400
20
eSGB (SMAF)
www.goodark.com
1/4
2015.07-Rev.A


유사한 부품 번호 - LS2BH

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
LS2BH GOOD-ARK-LS2BH_15 Datasheet
274Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100~200V Forward Current 2A
More results

유사한 설명 - LS2BH

제조업체부품명데이터시트상세설명
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com