전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS26 데이터시트(PDF) 3 Page - GOOD-ARK Electronics

부품명 LS26
상세설명  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS26 데이터시트(HTML) 3 Page - GOOD-ARK Electronics

  LS26 Datasheet HTML 1Page - GOOD-ARK Electronics LS26 Datasheet HTML 2Page - GOOD-ARK Electronics LS26 Datasheet HTML 3Page - GOOD-ARK Electronics LS26 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LS26
Surface Mount Schottky Rectifier
Reverse Voltage 60V Forward Current 2A
Package Outline Dimensions
Packing Information
Packing quantities:
10,000 pcs/Reel,12mm Tape, 13" Reel
Tape & Reel Specification
Soldering footprint
DIM
MIN
MAX
MIN
MAX
A
0.92
1.08
0.036
0.043
A1
0
0.1
0.000
0.004
B
1.25
1.45
0.049
0.057
C
0.1
0.25
0.004
0.010
D
2.6
2.8
0.102
0.110
E
4.1
4.3
0.161
0.169
L
0.7
1.1
0.028
0.043
HE
4.8
5.2
0.189
0.205
Unit: mm
Unit: inch
www.goodark.com
3/4
2014.03-Rev.A


유사한 부품 번호 - LS26

제조업체부품명데이터시트상세설명
logo
SAMYANG ELECTRONICS CO....
LS26 SAMYANG-LS26 Datasheet
931Kb / 2P
   SCHOTTKY BARRIE R RECTIFIER
logo
saftbatteries
LS26500 SAFT-LS26500 Datasheet
467Kb / 2P
   3.6 V Primary lithium-thionyl chloride High energy density C-size bobbin cell
logo
Power-One
LS2660-7R POWER-ONE-LS2660-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
logo
GOOD-ARK Electronics
LS26 GOOD-ARK-LS26_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
More results

유사한 설명 - LS26

제조업체부품명데이터시트상세설명
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com