전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7626BCPZ-RL7 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD7626BCPZ-RL7
상세설명  16-Bit, 10 MSPS, PulSAR Differential ADC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7626BCPZ-RL7 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD7626BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD7626BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD7626BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD7626BCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD7626BCPZ-RL7 Datasheet HTML 10Page - Analog Devices AD7626BCPZ-RL7 Datasheet HTML 11Page - Analog Devices AD7626BCPZ-RL7 Datasheet HTML 12Page - Analog Devices AD7626BCPZ-RL7 Datasheet HTML 13Page - Analog Devices AD7626BCPZ-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Data Sheet
AD7626
Rev. D | Page 9 of 29
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. CONNECT THE EXPOSED PAD TO THE GROUND
PLANE OF THE PCB USING MULTIPLE VIAS.
VDD1
VDD2
CAP1
REFIN
EN0
EN1
VDD2
CNV–
GND
IN+
IN–
VCM
VDD1
VDD1
VDD2
CLK+
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
AD7626
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
VDD1
P
Analog 5 V Supply. Decouple the 5 V supply with a 100 nF capacitor.
2
VDD2
P
Analog 2.5 V Supply. Decouple this pin with a 100 nF capacitor. The 2.5 V supply source should
supply this pin first, then be traced to the other VDD2 pins (Pin 7 and Pin 18).
3
CAP1
AO
Connect this pin to a 10 nF capacitor.
4
REFIN
AI/O
Prebuffer Reference Voltage. When using the internal reference, this pin outputs the band gap voltage
and is nominally at 1.2 V. It can be overdriven with an external reference voltage such as the ADR280.
In either internal or external reference mode, a 10 μF capacitor is required. If using an external 4.096 V
reference (connected to REF), this pin is a no connect and does not require any capacitor.
5, 6
EN0, EN1
DI
Enable. Operates from 2.5 V logic. The logic levels of these pins set the operation of the device as follows:
EN1 = 0, EN0 = 0: power-down mode.
EN1 = 0, EN0 = 1: external 1.2 V reference applied to the REFIN pin required.
EN1 = 1, EN0 = 0: external 4.096 V reference applied to the REF pin required.
EN1 = 1, EN0 = 1: internal reference and internal reference buffer in use.
7
VDD2
P
Digital 2.5 V Supply. Decouple this pin with a 100 nF capacitor.
8, 9
CNV−, CNV+
DI
Convert Input. These pins act as the conversion control pin. On the rising edge of these pins, the
analog inputs are sampled and a conversion cycle is initiated. CNV+ works as a CMOS input when
CNV− is grounded; otherwise, CNV+ and CNV− are differential LVDS inputs.
10, 11
D−, D+
DO
LVDS Data Outputs. The conversion data is output serially on these pins.
12
VIO
P
Input/Output Interface Supply. Use a 2.5 V supply and decouple this pin with a 100 nF capacitor.
13
GND
P
Ground. Return path for the 100 nF capacitor connected to Pin 12.
14, 15
DCO−, DCO+
DO
LVDS Buffered Clock Outputs. When DCO+ is grounded, the self clocked interface mode is selected.
In this mode, the 16-bit results on D are preceded by an initial 0 (which is output at the end of the
previous conversion), followed by a 2-bit header (10) to allow synchronization of the data by the
digital host with extra logic. The 1 in this header provides the reference to acquire the subsequent
conversion result correctly. When DCO+ is not grounded, the echoed clock interface mode is selected. In
this mode, DCO± is a copy of CLK±. The data bits are output on the falling edge of DCO+ and can be
captured in the digital host on the next rising edge of DCO+.
16, 17
CLK−, CLK+
DI
LVDS Clock Inputs. This clock shifts out the conversion results on the falling edge of CLK+.
18
VDD2
P
Analog 2.5 V Supply. Decouple this pin with a 100 nF capacitor.
19, 20
VDD1
P
Analog 5 V Supply. Isolate these pins from Pin 1 with a ferrite bead and decouple them with a 100 nF
capacitor.
21
VCM
AO
Common-Mode Output. When using any reference scheme, this pin produces one half the voltage
present on the REF pin, which can be useful for driving the common mode of the input amplifiers.
22
IN−
AI
Differential Negative Analog Input. Referenced to and must be driven 180° out of phase with IN+.
23
IN+
AI
Differential Positive Analog Input. Referenced to and must be driven 180° out of phase with IN−.
24
GND
P
Ground.


유사한 부품 번호 - AD7626BCPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7626BCPZ-RL7 AD-AD7626BCPZ-RL7 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626BCPZ-RL7 AD-AD7626BCPZ-RL7 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
More results

유사한 설명 - AD7626BCPZ-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
   16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
   16-Bit, 6 MSPS, PulSAR Differential ADC
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD7960 AD-AD7960 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626 Datasheet
159Kb / 11P
   16-Bit, 10MSPS PulSAR Differential ADC
Rev. PrC
AD7625 AD-AD7625 Datasheet
160Kb / 11P
   16-Bit, 6MSPS PulSAR Differential ADC
Rev. PrB
AD7952 AD-AD7952 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7903BRQZ AD-AD7903BRQZ Datasheet
1Mb / 29P
   Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com