전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9252 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD9252
상세설명  Serial LVDS, 1.8 V ADC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9252 데이터시트(HTML) 2 Page - Analog Devices

  AD9252_17 Datasheet HTML 1Page - Analog Devices AD9252_17 Datasheet HTML 2Page - Analog Devices AD9252_17 Datasheet HTML 3Page - Analog Devices AD9252_17 Datasheet HTML 4Page - Analog Devices AD9252_17 Datasheet HTML 5Page - Analog Devices AD9252_17 Datasheet HTML 6Page - Analog Devices AD9252_17 Datasheet HTML 7Page - Analog Devices AD9252_17 Datasheet HTML 8Page - Analog Devices AD9252_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
AD9252* PRODUCT PAGE QUICK LINKS
Last Content Update: 02/23/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
EVALUATION KITS
• AD9252 Evaluation Board
DOCUMENTATION
Application Notes
• AN-282: Fundamentals of Sampled Data Systems
• AN-345: Grounding for Low-and-High-Frequency Circuits
• AN-501: Aperture Uncertainty and ADC System
Performance
• AN-715: A First Approach to IBIS Models: What They Are
and How They Are Generated
• AN-737: How ADIsimADC Models an ADC
• AN-741: Little Known Characteristics of Phase Noise
• AN-742: Frequency Domain Response of Switched-
Capacitor ADCs
• AN-756: Sampled Systems and the Effects of Clock Phase
Noise and Jitter
• AN-812: MicroController-Based Serial Port Interface (SPI)
Boot Circuit
• AN-827: A Resonant Approach to Interfacing Amplifiers to
Switched-Capacitor ADCs
• AN-835: Understanding High Speed ADC Testing and
Evaluation
• AN-905: Visual Analog Converter Evaluation Tool Version
1.0 User Manual
• AN-935: Designing an ADC Transformer-Coupled Front
End
Data Sheet
• AD9252: Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Data Sheet
TOOLS AND SIMULATIONS
• Visual Analog
• AD9252 IBIS Models
REFERENCE MATERIALS
Customer Case Studies
• National Instruments Case Study
Technical Articles
• MS-2210: Designing Power Supplies for High Speed ADC
DESIGN RESOURCES
• AD9252 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD9252 EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.
DOCUMENT FEEDBACK
Submit feedback for this data sheet.
This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the content on this page will not
trigger a change to either the revision number or the content of the product data sheet. This dynamic page may be frequently modified.


유사한 부품 번호 - AD9252_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results

유사한 설명 - AD9252_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9287 AD-AD9287_17 Datasheet
2Mb / 52P
   Serial LVDS 1.8 V ADC
AD9212 AD-AD9212_17 Datasheet
1Mb / 57P
   Serial LVDS, 1.8 V ADC
AD9259 AD-AD9259_17 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
   125 MSPS, Serial LVDS 1.8 V ADC
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9239 AD-AD9239_17 Datasheet
1Mb / 41P
   Serial Output 1.8 V ADC
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com