전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9239BCPZ-250 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD9239BCPZ-250
상세설명  Serial Output 1.8 V ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9239BCPZ-250 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD9239BCPZ-250 Datasheet HTML 4Page - Analog Devices AD9239BCPZ-250 Datasheet HTML 5Page - Analog Devices AD9239BCPZ-250 Datasheet HTML 6Page - Analog Devices AD9239BCPZ-250 Datasheet HTML 7Page - Analog Devices AD9239BCPZ-250 Datasheet HTML 8Page - Analog Devices AD9239BCPZ-250 Datasheet HTML 9Page - Analog Devices AD9239BCPZ-250 Datasheet HTML 10Page - Analog Devices AD9239BCPZ-250 Datasheet HTML 11Page - Analog Devices AD9239BCPZ-250 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Data Sheet
AD9239
TIMING DIAGRAM
...
...
...
...
...
...
...
...
SAMPLE
N
SERIAL CODED SAMPLES: N – 40, N – 39, N – 38, N – 37 ...
N – 39
N – 40
N – 38
N – 37
N + 1
ANALOG
INPUT SIGNAL
SAMPLE
RATE CLOCK
SAMPLE
RATE CLOCK
SERIAL
DATA OUT
DATA PACKET 1
(64 BITS)
8-BIT HEADER
CHANNEL ID
48-BIT ADC
DATA-WORD
8-BIT ERROR
CORRECTION
Figure 2. Timing Diagram
Table 5. Packet Protocol
Bits[64:57]
Bits[56:45]
Bits[44:33]
Bits[32:21]
Bits[20:9]
Bits[8:1]
Header
Data 1
Data 2
Data 3
Data 4
ECC
(8 bits MSB first)
(12 bits MSB first)
(12 bits MSB first)
(12 bits MSB first)
(12 bits MSB first)
(8 bits MSB first)
Rev. E | Page 7 of 40


유사한 부품 번호 - AD9239BCPZ-250

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9239BCPZ-250 AD-AD9239BCPZ-250 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
More results

유사한 설명 - AD9239BCPZ-250

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9287 AD-AD9287_17 Datasheet
2Mb / 52P
   Serial LVDS 1.8 V ADC
AD9212 AD-AD9212_17 Datasheet
1Mb / 57P
   Serial LVDS, 1.8 V ADC
AD9259 AD-AD9259_17 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9252 AD-AD9252_17 Datasheet
1Mb / 53P
   Serial LVDS, 1.8 V ADC
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
   125 MSPS, Serial LVDS 1.8 V ADC
AD9639BCPZ-170 AD-AD9639BCPZ-170 Datasheet
855Kb / 36P
   Quad, 12-Bit, 170 MSPS/210 MSPS Serial Output 1.8 V ADC
REV. B
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com