전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G07DCKTE4 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SN74AUP1G07DCKTE4
상세설명  LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G07DCKTE4 데이터시트(HTML) 1 Page - Texas Instruments

  SN74AUP1G07DCKTE4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G07DCKTE4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G07DCKTE4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G07DCKTE4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G07DCKTE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G07DCKTE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G07DCKTE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G07DCKTE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G07DCKTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
3
2
4
5
1
NC
VCC
Y
A
GND
DBV PACKAGE
(TOP VIEW)
YEP OR YZP PACKAGE
(BOTTOM VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
5
1
NC
VCC
Y
A
GND
DNU
GND
VCC
Y
A
See mechanical drawings for dimensions.
1
4
2
3
5
DNU – Do not use
NC – No internal connection
NC – No internal connection
DESCRIPTION/ORDERING INFORMATION
AUP
LVC
AUP
AUP
LVC
Static-Power Consumption
(
µA)
Dynamic-Power Consumption
(pF)
Single, dual, and triple gates
3.3-V
Logic
3.3-V
Logic
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
30
35
40
45
Time − ns
AUP1G08 data at C
L = 15 pF
Output
Input
Switching Characteristics
at 25 MHz
SN74AUP1G07
LOW-POWER SINGLE BUFFER/DRIVER
WITH OPEN-DRAIN OUTPUTS
SCES591A – JULY 2004 – REVISED JULY 2005
Wide Operating VCC Range of 0.8 V to 3.6 V
Available in the Texas Instruments
Optimized for 3.3-V Operation
NanoStar™ and NanoFree™ Packages
3.6-V I/O Tolerant to Support Mixed-Mode
Low Static-Power Consumption
Signal Operation
(ICC = 0.9 µA Max)
tpd = 3.3 ns Max at 3.3 V
Low Dynamic-Power Consumption
Suitable for Point-to-Point Applications
(Cpd = 1 pF Typ at 3.3 V)
Latch-Up Performance Exceeds 100 mA Per
Low Input Capacitance (Ci = 1.5 pF Typ)
JESD 78, Class II
Low Noise – Overshoot and Undershoot <10%
ESD Performance Tested Per JESD 22
of VCC
– 2000-V Human-Body Model
Ioff Supports Partial-Power-Down Mode
(A114-B, Class II)
Operation
– 200-V Machine Model (A115-A)
Input Hysteresis Allows Slow Input Transition
– 1000-V Charged-Device Model (C101)
and Better Switching Noise Immunity at the
ESD Protection Exceeds
±5000 V With
Input (Vhys = 250 mV Typ at 3.3 V)
Human-Body Model
The AUP family is TI's premier solution to the industry's low power needs in battery-powered portable
applications. This family ensures a very low static and dynamic power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity (see
Figure 1 and Figure 2).
Figure 1. AUP – The Lowest-Power Family
Figure 2. Excellent Signal Integrity
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - SN74AUP1G07DCKTE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G07DCKTE4 TI-SN74AUP1G07DCKTE4 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results

유사한 설명 - SN74AUP1G07DCKTE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G07 TI1-SN74AUP1G07_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Buffer/Driver With Open-Drain Outputs
SN74AUP1G07 TI-SN74AUP1G07_10 Datasheet
975Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06 Datasheet
183Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74AUP1G06 TI-SN74AUP1G06 Datasheet
270Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06 TI-SN74AUP1G06_10 Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G07 TI-SN74AUP3G07 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G07 TI1-SN74AUP2G07 Datasheet
908Kb / 21P
[Old version datasheet]   LOW-POWER DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G06 TI1-SN74AUP2G06 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com