전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFD182G45DCJD247 데이터시트(PDF) 2 Page - Murata Manufacturing Co., Ltd.

부품명 LFD182G45DCJD247
상세설명  LC Diplexers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFD182G45DCJD247 데이터시트(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LFD182G45DCJD247 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LFD182G45DCJD247 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of LFD182G45DCJD247 from the official website of Murata Manufacturing
Co., Ltd.
https://www.murata.com/en-us/products/productdetail?partno=LFD182G45DCJD247
LFD182G45DCJD247
Specifications
Applications
WLAN
Center Frequency{P1}(f1)
2450.00MHz
Frequency Range{P1}(f1)
2400.00MHz to 2500.00MHz
Center Frequency{P2}(f2)
5425.00MHz
Frequency Range{P2}(f2)
4900.00MHz to 5950.00MHz
Insertion Loss I)(P1-P3 in f1)
0.35dB max. (at
25
)
Insertion Loss II)(P1-P3 in f1)
0.45dB max. (-40 to
+85
)
Insertion Loss I)(P2-P3 in f2)
0.5dB max. (at
25
)
Insertion Loss II)(P2-P3 in f2)
0.6dB max. (-40 to
+85
)
Attenuation{P2-P3}(in f1)
30dB min.
VSWR{P1}(in f1)
1.8 max.
VSWR{P2}(in f2)
1.8 max.
VSWR{P3}(in f1,f2)
1.8 max.
Power Capacity
3W
Operating Temperature Range
-
40
to
85
L x W (size)
1.60x0.80mm
Thickness(max.)
0.7mm
2 of 2
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last
updated 2017/11/13


유사한 부품 번호 - LFD182G45DCJD247

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
LFD182G45DP3A299 MURATA-LFD182G45DP3A299 Datasheet
52Kb / 2P
   Chip Multilayer Diplexers
LFD182G45DP3A299 MURATA-LFD182G45DP3A299 Datasheet
474Kb / 17P
   Filters for Communication Equipment
LFD182G45DP3A299 MURATA-LFD182G45DP3A299 Datasheet
474Kb / 17P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFD182G45DP3A299 MURATA1-LFD182G45DP3A299 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFD182G45DP3A299 MURATA1-LFD182G45DP3A299 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results

유사한 설명 - LFD182G45DCJD247

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
LFD2H829MMQ1D571 MURATA-LFD2H829MMQ1D571 Datasheet
161Kb / 2P
   LC Diplexers
LFD152G45MU5D935 MURATA-LFD152G45MU5D935 Datasheet
162Kb / 2P
   LC Diplexers
LFD212G45MJ7R816 MURATA-LFD212G45MJ7R816 Datasheet
167Kb / 2P
   LC Diplexers
LFD21829MDKDD804 MURATA-LFD21829MDKDD804 Datasheet
162Kb / 2P
   LC Diplexers
LFD182G45DP3B888 MURATA-LFD182G45DP3B888 Datasheet
268Kb / 3P
   LC Diplexers
LFD182G45MJ6D431 MURATA-LFD182G45MJ6D431 Datasheet
167Kb / 2P
   LC Diplexers
LFD2H796MMQ1D596 MURATA-LFD2H796MMQ1D596 Datasheet
162Kb / 2P
   LC Diplexers
LFD18892MDPSD302 MURATA-LFD18892MDPSD302 Datasheet
162Kb / 2P
   LC Diplexers
logo
Pasternack Enterprises,...
PE8DP1001 PASTERNACK-PE8DP1001 Datasheet
351Kb / 3P
   RF Diplexers
logo
Taiyo Yuden (U.S.A.), I...
TSD1N18B829MLV0D4T TAIYO-YUDEN-TSD1N18B829MLV0D4T Datasheet
305Kb / 2P
   nullMultilayer Ceramic Devices (Diplexers)
2021.11.26
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com