전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDFZ125260 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 TDFZ125260
상세설명  RF Power Pot Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDFZ125260 데이터시트(HTML) 1 Page - Vishay Siliconix

  TDFZ125260 Datasheet HTML 1Page - Vishay Siliconix TDFZ125260 Datasheet HTML 2Page - Vishay Siliconix TDFZ125260 Datasheet HTML 3Page - Vishay Siliconix TDFZ125260 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TDFZ 125213, TDFZ 125236, TDFZ 125260
www.vishay.com
Vishay Draloric
Revision: 07-Sep-15
1
Document Number: 22125
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RF Power Pot Capacitors
for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
MATERIAL
Capacitor elements made from class 1 ceramic dielectric
with noble metal electrodes.
Connection terminals:
made from copper / brass, silver plated.
FINISH
Capacitor body completely protective lacquered.
These capacitors feature umbrella-shaped insulation rims
made from silicone elastomer to minimize the adverse
effects of moisture, dust and other impurities in the working
environment and to improve the characteristics of the
electrical field.
MARKING
Type designator, capacitance value and tolerance, rated
peak voltage, ceramic material code, production date code,
manufacturer logo.
FEATURES
These capacitors feature a Q-factor of greater than 10 000
which makes them ideal in operating frequency range from
0.1 MHz up to 30 MHz where high voltages and currents are
present. The TDZ model can be used as replacements for
fixed vacuum capacitors. The construction gives these
capacitors an advantage over fixed vacuum capacitors
because there is no possibility of vacuum deterioration.
APPLICATIONS
Dielectric heating equipments in industrial segment.
CAPACITANCE RANGE
500 pF to 2000 pF
CAPACITANCE TOLERANCE
± 10 %
CERAMIC DIELECTRICS
R16 High Q (TCC + 100 ppm/K)
RATED VOLTAGE
• 12 kVp
• 18 kVp
DIELECTRIC STRENGTH TEST
170 % of rated AC voltage (50 Hz, 5 minutes)
RF POWER TEST
110 % to 150 % of rated power, for 2.5 minutes in a test
generator circuit.
DISSIPATION FACTOR
Max. 0.025 %
Measuring frequencies:
1 MHz (< 1 nF); 300 kHz or 100 kHz (
 1 nF)
INSULATION RESISTANCE
Min. 100 000 M
 (at 25 °C)
OPERATING TEMPERATURE RANGE
-55 °C to +100 °C
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
Ceramic Dielectric
R16 HQ
Type
TDFZ 125213
TDFZ 125236
TDFZ 125260
Voltage (Vp)
18 000
12 000
Min. Capacitance (pF)
500
1500
Max. Capacitance (pF)
1000
2000
Mounting
Screw terminal


유사한 부품 번호 - TDFZ125260

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TDFZ125260 VISHAY-TDFZ125260 Datasheet
202Kb / 3P
   Pot Capacitors with R 16 High Q Ceramic
Revision: 14-Aug-02
More results

유사한 설명 - TDFZ125260

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TOSZ118100 VISHAY-TOSZ118100 Datasheet
78Kb / 3P
   RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 11-Sep-15
TOSZ100110 VISHAY-TOSZ100110 Datasheet
74Kb / 3P
   RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 11-Sep-15
TOSZ118078 VISHAY-TOSZ118078 Datasheet
81Kb / 3P
   RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 11-Sep-15
TOSZ120055 VISHAY-TOSZ120055 Datasheet
83Kb / 3P
   RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 11-Sep-15
TOSW118115 VISHAY-TOSW118115 Datasheet
78Kb / 3P
   Watercooled RF Power Barrel Capacitors for Dielectric Heating Equipment
Revision: 21-Jan-16
DB055135HQ VISHAY-DB055135HQ Datasheet
93Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
DBF050166HQ VISHAY-DBF050166HQ Datasheet
83Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
TOSZ VISHAY-TOSZ Datasheet
229Kb / 4P
   Barrel-Style Capacitors for Dielectric Heating Equipment
Revision: 19-Sep-02
TDZ050170 VISHAY-TDZ050170_15 Datasheet
85Kb / 4P
   RF Power Pot Capacitors for Coupling Purposes, Class 1 Ceramic Dielectric
Revision: 14-Sep-15
logo
Taiyo Yuden (U.S.A.), I...
MSASJ063AB5105MFNA01 TAIYO-YUDEN-MSASJ063AB5105MFNA01 Datasheet
434Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for General Electronic Equipment
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com