전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPZ140WV30136BH1 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 FPZ140WV30136BH1
상세설명  RF Power Plate Capacitors for Higher Voltages Class 1 Ceramic
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FPZ140WV30136BH1 데이터시트(HTML) 2 Page - Vishay Siliconix

  FPZ140WV30136BH1 Datasheet HTML 1Page - Vishay Siliconix FPZ140WV30136BH1 Datasheet HTML 2Page - Vishay Siliconix FPZ140WV30136BH1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FPZ 140, PEZ 140
www.vishay.com
Vishay Draloric
Revision: 01-Mar-13
2
Document Number: 22139
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The surface temperature during operation must not exceed + 100 °C
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVPP)
RATED
VOLTAGE
AT 50 °C
(kVDC)
RATED
VOLTAGE
AT 70 °C
(kVDC)
RATED
POWER (1)
AT 50 °C
(kvar)
RATED
POWER (1)
AT 70 °C
(kvar)
RATED
CURRENT
MAX.
(ARMS)
TYPE FPZ 140
FPZ140WV50036BG1
R16
50
30
25
20
90
60
35
FPZ140WV10136BG1
100
FPZ140WT20136BG1
200
27
27
FPZ140WV25136BH1
R42
250
30
FPZ140WV30136BH1
300
FPZ140WV40136BJ1
R85
400
35
FPZ140WV50136BJ1
500
TYPE PEZ 140
PEZ140WV60136BJ1
R85
600
30
25
25
90
60
35
PEZ140WV80136BJ1
800
20
45
PEZ140BQ10236BJ1
1000
25
21
17
PEZ140BJ15236BJ1
1500
15
13
10
PEZ140BJ20236BJ1
2000
PEZ140BJ25236BJ1
2500
DIMENSIONS in millimeters (inches)
TYPE
FPZ140WV50036BG1 FPZ140WV10136BG1 FPZ140WT20136BG1
FPZ140WV25136BH1, FPZ140WV30136BH1,
FPZ140WV40136BJ, FPZ140WV50136BJ1
Diameter Dmax.
140 (5.51) ± 10 %
Width W1
52 ± 3 (2.05 ± 0.12)
50 ± 3 (2.97 ± 0.12)
52 ± 3 (2.05 ± 0.12)
Width W2
33 ± 3 (1.30 ± 0.12)
29 ± 3 (1.14 ± 0.12)
27 ± 3 (1.06 ± 0.12)
29 ± 3 (1.14 ± 0.12)
Thread size
M8
TYPE
PEZ140WV60136BJ1
PEZ140WV80136BJ1
PEZ140BQ10236BJ1
PEZ140BJ15236BJ1
PEZ140BJ20236BJ1,
PEZ140BJ25236BJ1
Diameter Dmax.
140 (5.51) ± 10 %
Width W1
52 ± 3 (2.05 ± 0.12)
51 ± 3 (2.01 ± 0.12)
49 ± 3 (1.79 ± 0.12)
46 ± 3 (1.68 ± 0.12)
Width W2
30 ± 3 (1.18 ± 0.12)
27 ± 3 (1.06 ± 0.12)
26 ± 3 (1.02 ± 0.12)
Thread size
M8
W
1
W
2
W
1
W
2
D
M8 Thread
FPZ
PEZ


유사한 부품 번호 - FPZ140WV30136BH1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
FPZ140 VISHAY-FPZ140 Datasheet
70Kb / 2P
   Plate Capacitors for Higher Voltages
Revision: 14-Aug-02
More results

유사한 설명 - FPZ140WV30136BH1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
PEF220 VISHAY-PEF220_16 Datasheet
104Kb / 7P
   RF Power Plate Capacitors for Higher Voltages Class 1 Ceramic
Revision: 29-Feb-16
FPE200 VISHAY-FPE200 Datasheet
86Kb / 3P
   RF Power Plate Capacitors for Higher Voltages
Revision: 11-Sep-15
TOSZ114096 VISHAY-TOSZ114096_15 Datasheet
74Kb / 3P
   RF Power Barrel Capacitors for Higher Voltages Class 1 Ceramic
Revision: 11-Sep-15
PEZ140 VISHAY-PEZ140 Datasheet
70Kb / 2P
   Plate Capacitors for Higher Voltages
Revision: 14-Aug-02
FPZ140 VISHAY-FPZ140 Datasheet
70Kb / 2P
   Plate Capacitors for Higher Voltages
Revision: 14-Aug-02
PEF220 VISHAY-PEF220 Datasheet
74Kb / 2P
   Plate Capacitors with Moisture Protection Plate Capacitors for Higher Voltages
Revision: 09-Feb-06
FPS60 VISHAY-FPS60_15 Datasheet
247Kb / 3P
   RF Power Plate Capacitors with Flat Rim, Class 1 Ceramic
Revision: 14-Sep-15
P70 VISHAY-P70 Datasheet
103Kb / 5P
   RF Power Plate Capacitors with Contoured Rim, Class 1 Ceramic
5FAE VISHAY-5FAE Datasheet
88Kb / 3P
   RF Power Barrel Capacitors, Class 1 and Class 2 Ceramic
30-Jan-2019
P.70 VISHAY-P.70 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com