전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS5908 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TPS5908
상세설명  TPS5908, TPS5908A, TPS5910, TPS5910A OPTOISOLATED FEEDBACK AMPLIFIERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS5908 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TPS5908 Datasheet HTML 2Page - Texas Instruments TPS5908 Datasheet HTML 3Page - Texas Instruments TPS5908 Datasheet HTML 4Page - Texas Instruments TPS5908 Datasheet HTML 5Page - Texas Instruments TPS5908 Datasheet HTML 6Page - Texas Instruments TPS5908 Datasheet HTML 7Page - Texas Instruments TPS5908 Datasheet HTML 8Page - Texas Instruments TPS5908 Datasheet HTML 9Page - Texas Instruments TPS5908 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TPS5908, TPS5908A, TPS5910, TPS5910A
OPTOISOLATED FEEDBACK AMPLIFIERS
SOES030B – MAY 1997 – REVISED JANUARY 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
150
100
50
0
0
0.5
1
200
250
INPUT LIGHT-EMITTING-DIODE CURRENT
vs
REFERENCE VOLTAGE
1.5
Vref – Reference Voltage – V
VO(COMP) = VI(FB)
TA = 25°C
Figure 11
15
10
5
0
0
0.5
INPUT LIGHT-EMITTING-DIODE CURRENT
vs
REFERENCE VOLTAGE
1
1.5
Vref – Reference Voltage – V
VO(COMP) = VI(FB)
TA = 25°C
Figure 12
1.244
1.242
1.240
1.238
–72
– 50
–25
1.246
1.248
REFERENCE VOLTAGE
vs
FREE-AIR TEMPERATURE
1.250
25
50
75
100
TA – Free-Air Temperature – °C
VO(COMP) = VI(FB)
II(LED) = 10 mA
0
Figure 13
– 0.2
– 0.3
– 0.4
– 0.5
– 50
– 25
0
– 0.1
0
RATIO OF DELTA REFERENCE
VOLTAGE TO DELTA LED VOLTAGE
vs
FREE-AIR TEMPERATURE
25
50
75
100
TA – Free-Air Temperature – °C
VI(LED) = 3 V to 7 V
II(LED) = 10 mA


유사한 부품 번호 - TPS5908

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS5904 TI-TPS5904 Datasheet
118Kb / 10P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
TPS5904 TI1-TPS5904 Datasheet
255Kb / 12P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
TPS5904A TI-TPS5904A Datasheet
118Kb / 10P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
TPS5904A TI1-TPS5904A Datasheet
255Kb / 12P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
TPS5904ADCS TI1-TPS5904ADCS Datasheet
255Kb / 12P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
More results

유사한 설명 - TPS5908

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS5904 TI-TPS5904 Datasheet
118Kb / 10P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
TPS5904 TI1-TPS5904_12 Datasheet
255Kb / 12P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
logo
Elantec Semiconductor
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
   Dual 60MHz Current Feedback Amplifiers
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Fairchild Semiconductor
FHP3350_0612 FAIRCHILD-FHP3350_0612 Datasheet
1Mb / 19P
   Triple and Quad Voltage Feedback Amplifiers
logo
Intersil Corporation
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
   70MHz/1mA Current Mode Feedback Amplifiers
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
   Dual/Quad 130MHz Current Feedback Amplifiers
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
   200MHz Low-Power Current Feedback Amplifiers
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com