전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1610S 데이터시트(PDF) 1 Page - GOOD-ARK Electronics

부품명 LB1610S
상세설명  Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LB1610S 데이터시트(HTML) 1 Page - GOOD-ARK Electronics

  LB1610S Datasheet HTML 1Page - GOOD-ARK Electronics LB1610S Datasheet HTML 2Page - GOOD-ARK Electronics LB1610S Datasheet HTML 3Page - GOOD-ARK Electronics LB1610S Datasheet HTML 4Page - GOOD-ARK Electronics LB1610S Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LB1610S/LB1610SL
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
Reverse Voltage 1000V Output Current 1.6A
Features
• Case:ABF
• Glass passivated standard bridge rectifiers
• Ideal for automated placement
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
• Halogen-free according to IEC 61249-2-21 definition
Typical Applications
For use of general purpose AC to DC bridge rectification in power supply,charger,office appliance,
home appliance and telecome device.
VRRM
V
VRMS
V
VDC
V
Io(AV)
A
A
A
I
2t
A
2sec
TJ,
TSTG
°C
Maximum instantaneous
forward voltage
IF=1.0A
TA=25℃
VF
Volts
TA=25℃
TA=125℃
Typical junction
capacitance
4.0 V, 1 MHz
CJ
pF
RθJA
RθJC
RθJl
Notes:
1. Mounted on FR-4 P.C.B Board
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated
load
50
IFSM
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
LB1610S
LB1610SL
1000
1.6
µA
10.0
- 55 to + 150
Maximum DC reverse
current at rated DC
blocking voltage
IR
Rating for fusing(t<8.3ms)
Operating junction and storage
temperature range
Unit
Symbol
Unit
Typical thermal resistance
(1)
℃/W
80
25
35
700
1000
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test
Conditions
Symbol
Maximum DC blocking voltage
Maximum average output rectified current
100
Peak forward surge current 1.0 ms single
square wave superimposed on rated load
LB1610S
LB1610SL
LB1610S
LB1610SL
10
1.0
5.0
200
Thermal Characteristics
Parameter
www.goodark.com
1/5
2016.05-Rev.A


유사한 부품 번호 - LB1610S

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
LB161 SEOUL-LB161 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LB161 SEOUL-LB161 Datasheet
360Kb / 13P
   CYAN LAMP LED
LB161 SEOUL-LB161 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LB161 SEOUL-LB161 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LB161 SEOUL-LB161 Datasheet
378Kb / 14P
   RED LAMP LED
More results

유사한 설명 - LB1610S

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
LM02 GOOD-ARK-LM02 Datasheet
374Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LMR02 GOOD-ARK-LMR02 Datasheet
366Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM102 GOOD-ARK-LM102 Datasheet
375Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM02A GOOD-ARK-LM02A Datasheet
375Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM202 GOOD-ARK-LM202 Datasheet
378Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM210 GOOD-ARK-LM210 Datasheet
377Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LMD02 GOOD-ARK-LMD02 Datasheet
388Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LMR02A GOOD-ARK-LMR02A Datasheet
390Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LMR02C GOOD-ARK-LMR02C Datasheet
389Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LB201S GOOD-ARK-LB201S Datasheet
1Mb / 5P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com