전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OP02220-MATA-P1-Z 데이터시트(PDF) 2 Page - OmniVision Technologies, Inc.

부품명 OP02220-MATA-P1-Z
상세설명  High Speed Communication
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMNIVISION [OmniVision Technologies, Inc.]
홈페이지  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OP02220-MATA-P1-Z 데이터시트(HTML) 2 Page - OmniVision Technologies, Inc.

  OP02220-MATA-P1-Z Datasheet HTML 1Page - OmniVision Technologies, Inc. OP02220-MATA-P1-Z Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
AR Glasses
Pico Projectors
¬
¬
High Speed Communication
HUD (Head Up Display)
Applications
¬
¬
¬
¬
¬
¬
4-channel MIPI DSI receiver,
24-bit packed RGB888
dual internal PLL clock generation
outputs enable/disable control signals
to external solid state light sources
supports horizontal and vertical flipping
and programmable sync polarities
standard 100% digital CMOS
technology
no spacers in active area
digital interface
high aperture ratio
insensitive to photo-induced carrier
generation
designed for color field sequential
operation
horizontal alignment ±8 pixels
vertical alignment ±8 rows
¬
¬
¬
¬
¬
¬
Product Features
¬
OP02220-MATA-P1-Z
(45-pin PCB)
Ordering Information
¬
¬
¬
power supply:
- core: 1.725V ±5%
- I/O: 1.725V / 3.3V ±5%
- pixel array: 3.3V ±5%
temperature range: +10°C to +70°C
active area: 8.64 mm x 4.86 mm
¬
¬
¬
¬
native resolution: 1920 x 1080
native device diagonal: 0.39"
pixel pitch: 4.5 µm
package dimensions:
23.4 x 9.0 x 3.33 mm
Product Specifications
Version 1.0, September, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and the OmniVision logo are registered trademarks of
OmniVision Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OP02220
Functional Block Diagram
PBS
projection
illumination unit
application
processor
LED
driver
MIPI / DSI
OP02220
pixel
array
LCOS
driver
frame
buffer


유사한 부품 번호 - OP02220-MATA-P1-Z

제조업체부품명데이터시트상세설명
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
logo
Dialight Corporation
OP025 DIALIGHT-OP025 Datasheet
190Kb / 2P
   20mm LENSES AND HOLDERS
OP025 DIALIGHT-OP025 Datasheet
139Kb / 2P
   20mm LENSES AND HOLDERS
logo
Analog Devices
OP02A AD-OP02A Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
OP02AJ AD-OP02AJ Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
More results

유사한 설명 - OP02220-MATA-P1-Z

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
LXES4XBAA6-027 MURATA-LXES4XBAA6-027 Datasheet
276Kb / 4P
   High Speed Communication Line Protection
LXES2TBBB4-028 MURATA-LXES2TBBB4-028 Datasheet
257Kb / 4P
   High Speed Communication Line Protection
logo
Advantech Co., Ltd.
PCL-858 ADVANTECH-PCL-858 Datasheet
65Kb / 1P
   8-port High-speed RS-232 Communication Cards
PCL-846 ADVANTECH-PCL-846 Datasheet
61Kb / 1P
   4-port High-speed RS-422/485 Communication Card
PCL-856 ADVANTECH-PCL-856 Datasheet
61Kb / 1P
   4-port High-speed RS-422/485 Communication Card
logo
Infineon Technologies A...
PEB1757E INFINEON-PEB1757E Datasheet
256Kb / 4P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
2003
PEB1756E INFINEON-PEB1756E Datasheet
255Kb / 4P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
2003-07-01
PEB1755E INFINEON-PEB1755E Datasheet
684Kb / 2P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
logo
Contec Co., Ltd
GP-IBF CONTEC-GP-IBF Datasheet
261Kb / 2P
   High-speed IEEE-488.2 GPIB communication board for Low Profile PCI
logo
Maxim Integrated Produc...
MAX14784E MAXIM-MAX14784E Datasheet
846Kb / 17P
   Full-Duplex, 짹35kV ESD-Protected, RS-485 Transceivers for High-Speed Communication
19-6863; Rev 2; 1/15
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com