전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFC789D25 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 LFC789D25
상세설명  DUAL LINEAR FET CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LFC789D25 데이터시트(HTML) 4 Page - Texas Instruments

  LFC789D25 Datasheet HTML 1Page - Texas Instruments LFC789D25 Datasheet HTML 2Page - Texas Instruments LFC789D25 Datasheet HTML 3Page - Texas Instruments LFC789D25 Datasheet HTML 4Page - Texas Instruments LFC789D25 Datasheet HTML 5Page - Texas Instruments LFC789D25 Datasheet HTML 6Page - Texas Instruments LFC789D25 Datasheet HTML 7Page - Texas Instruments LFC789D25 Datasheet HTML 8Page - Texas Instruments LFC789D25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LFC789D25
DUAL LINEAR FET CONTROLLER
SLLS565B − MARCH 2003 − REVISED SEPTEMBER 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC = 12 V ± 5%, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
I
VADJ sense-pin current
−20
nA
Sense
I
SEN_V
ADJ
VADJ sense-pin current
Full range
−500
nA
Sense
I
V25 sense-pin current
V25 = 2.5 V
125
A
I
SEN_V
25
V25 sense-pin current
V25 = 2.5 V
Full range
500
µA
VDRV
Driver output voltage
IDRV = 0
VCC
− 1.5
V
Driver
VDRV
Driver output voltage
IDRV = 0
Full range
VCC − 3
V
Driver
IDRV
Driver output current
VDRV = 4 V,
10
mA
IDRV
Driver output current
VDRV = 4 V,
VSEN = 0.8 VOUT (nom)
Full range
5
mA
Reference
I
Pin current, VREF
−20
−250
nA
Reference
I
V
REF
Pin current, VREF
Full range
−500
nA
V25 output voltage
IOUT = 1 mA to 3 A,
2.5
Output regulation
V25 output voltage
regulation
IOUT = 1 mA to 3 A,
VPWR = 3 .3 V ± 10%
Full range
2.45
2.5
2.55
Output regulation
(see Figure 1)
VADJ output voltage
IOUT = 1 mA to 2 A,
VREF
V
(see Figure 1)
VADJ output voltage
regulation
IOUT = 1 mA to 2 A,
VPWR = 3.3 V ±10%,
VREF = V25/2
Full range
0.98
×
VREF
VREF
1.02
×
VREF
V
Supply
ICC
Supply current
2
mA
Supply
ICC
Supply current
Full range
2.5
mA


유사한 부품 번호 - LFC789D25

제조업체부품명데이터시트상세설명
logo
TOKO, Inc
LFC TOKO-LFC Datasheet
173Kb / 2P
   AM CERAMIC FILTERS
logo
Visual Communications C...
LFC012CTP VCC-LFC012CTP Datasheet
118Kb / 2P
   for use with surface-mount or through-hole LEDs
LFC025CTP VCC-LFC025CTP Datasheet
118Kb / 2P
   for use with surface-mount or through-hole LEDs
LFC035CTP VCC-LFC035CTP Datasheet
118Kb / 2P
   for use with surface-mount or through-hole LEDs
LFC037CTP VCC-LFC037CTP Datasheet
118Kb / 2P
   for use with surface-mount or through-hole LEDs
More results

유사한 설명 - LFC789D25

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
   Linear FET Controller
SC1548 SEMTECH-SC1548 Datasheet
287Kb / 14P
   Linear Fet Controller
SC338 SEMTECH-SC338 Datasheet
245Kb / 14P
   Ultra Low Output Voltage Dual Linear FET Controller
SC2738 SEMTECH-SC2738 Datasheet
232Kb / 13P
   Ultra Low Output Voltage Dual Linear FET Controller
SC1538 SEMTECH-SC1538 Datasheet
65Kb / 4P
   DUAL LINEAR CONTROLLER
SC1116 SEMTECH-SC1116 Datasheet
238Kb / 11P
   Linear FET Controller For DDR Supplies
SC339 SEMTECH-SC339 Datasheet
733Kb / 15P
   Ultra Low Output Voltage Linear FET Controller
logo
Texas Instruments
UCC1837 TI-UCC1837 Datasheet
87Kb / 8P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
logo
Semtech Corporation
SC4210A SEMTECH-SC4210A Datasheet
290Kb / 11P
   8-Pin N-FET Linear Regulator Controller
logo
Texas Instruments
UCC1837 TI1-UCC1837_16 Datasheet
733Kb / 14P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com