전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPT6120 데이터시트(PDF) 8 Page - A-Data Technology

부품명 OPT6120
상세설명  Optical Distributed Sensor Interrogator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  A-DATA [A-Data Technology]
홈페이지  https://www.adata.com
Logo A-DATA - A-Data Technology

OPT6120 데이터시트(HTML) 8 Page - A-Data Technology

  OPT6120 Datasheet HTML 1Page - A-Data Technology OPT6120 Datasheet HTML 2Page - A-Data Technology OPT6120 Datasheet HTML 3Page - A-Data Technology OPT6120 Datasheet HTML 4Page - A-Data Technology OPT6120 Datasheet HTML 5Page - A-Data Technology OPT6120 Datasheet HTML 6Page - A-Data Technology OPT6120 Datasheet HTML 7Page - A-Data Technology OPT6120 Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ODiSI 6100
www.lunainc.com | 3155 State Street, Blacksburg VA | Support phone: 1.866.586.2682 | solutions@lunainc.com
ORDERING INFORMATION
Catalog Number
Description
Includes
ODiSI 6100
ODiSI 6100-R
ODiSI 6100 Multi-channel Distributed Sensing
Instrument. -R denotes rack mount option.
Instrument controller, one channel enabled, HD
standard length mode (2.5m, 5m, 10m sensor
lengths), one 50m stand-off cable, one remote
module (to connect sensors), and ruggedized
shipping case.
OPT6100-N
N additional ODiSI 6100 channels up to 7
Includes 50m standoff cable and remote mod-
ule for each channel.
OPT6110
High Speed CFG Option
Adds high speed continuous fiber grating sen-
sor option to all active channels. Includes one
remote module.
OPT6115
Extended Range Option
Adds 20m and 50m HD sensing option on all
active channels. Note: only 4 channels can be
active simultaneously. Includes one remote
module.
OPT6120
Rayleigh (HD) Accelerator
Increases measurement rates in HD/
Rayleigh mode for 2.5m, 5m, and 10m
modes up to 250Hz, 160Hz and 100 Hz.
Includes Thunderbolt® 3 Expansion Chassis
and Accelerator Card.
Catalog Number
Sensors Description
HDSXXLC220P
XXm HD strain sensor, LC2+connector, Polyimide coating, 220 °C
HDSXXLC300P
XXm HD strain sensor, LC2+connector, Polyimide coating, 300 °C
HSSXXLC200C
XXm HS CFG strain sensor, LC2+connector, Polyimide coating, 200 °C
HDTXXLC220P
XXm HD temperature sensors with Teflon sleeving, 220 °C
LTODiSI6 Rev.1 10/20/17
Luna Sales and Support Contact Information
United States, Canada, South America
Europe, Middle East, Africa
Asia Pacific
1.866.LUNA OVA (866.586.2682)
solutions@lunainc.com
+44 (0)131 666 9044
+86 135 0127 7739


유사한 부품 번호 - OPT6120

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
OPT6794 ETC1-OPT6794 Datasheet
71Kb / 1P
   Phototransistor
More results

유사한 설명 - OPT6120

제조업체부품명데이터시트상세설명
logo
National Instruments Co...
NIPXIE-4884 NI-NIPXIE-4884 Datasheet
219Kb / 6P
   Optical Sensor Interrogator
logo
A-Data Technology
ODISI-B A-DATA-ODISI-B Datasheet
394Kb / 2P
   Optical Distributed
logo
Lite-On Technology Corp...
LTR-329ALS-01 LITEON-LTR-329ALS-01 Datasheet
801Kb / 28P
   Optical Sensor
LTR-559ALS-01 LITEON-LTR-559ALS-01 Datasheet
726Kb / 41P
   Optical Sensor
LTR-706PS-01 LITEON-LTR-706PS-01 Datasheet
973Kb / 36P
   Optical Sensor
logo
Sensortechnics GmbH
LD83O6S-A SENSORTECHNICS-LD83O6S-A Datasheet
1Mb / 4P
   Optical Sensor
logo
Lite-On Technology Corp...
LTR-556ALS-01 LITEON-LTR-556ALS-01 Datasheet
724Kb / 40P
   Optical Sensor
LTR-579ALS-01 LITEON-LTR-579ALS-01 Datasheet
932Kb / 44P
   Optical Sensor
LTR-553ALS-01 LITEON-LTR-553ALS-01 Datasheet
727Kb / 41P
   Optical Sensor
LTR-578ALS-01 LITEON-LTR-578ALS-01 Datasheet
1Mb / 42P
   Optical Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com