전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD10465 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD10465
상세설명  Dual Channel, 14-Bit, 65 MSPS A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD10465 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD10465_17 Datasheet HTML 3Page - Analog Devices AD10465_17 Datasheet HTML 4Page - Analog Devices AD10465_17 Datasheet HTML 5Page - Analog Devices AD10465_17 Datasheet HTML 6Page - Analog Devices AD10465_17 Datasheet HTML 7Page - Analog Devices AD10465_17 Datasheet HTML 8Page - Analog Devices AD10465_17 Datasheet HTML 9Page - Analog Devices AD10465_17 Datasheet HTML 10Page - Analog Devices AD10465_17 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AD10465
Data Sheet
Rev. B | Page 6 of 24
TEST CIRCUITS
AIN
D[13:0]
DRY
N
tA
tENC
tENCH
tENCL
tOD
tE, DR
N+1
N+2
N+3
N+4
N
N+1
N+2
N+3
N+4
N–3
N–2
N–1
N
ENC, ENC
Figure 2. Timing Diagram
200Ω
100Ω
100Ω
AVIN3
AVIN2
AVIN1
TO AD8037
Figure 3. Analog Input Stage
LOADS
LOADS
ENCODE
ENCODE
AVCC
AVCC
AVCC
AVCC
10kΩ
10kΩ
10kΩ
10kΩ
Figure 4. ENCODE Inputs
DVCC
DVCC
VREF
CURRENT MIRROR
DR_OUT
CURRENT MIRROR
Figure 5. Digital Output Stage
DVCC
DVCC
VREF
CURRENT MIRROR
D0 TO
D13
100Ω
CURRENT MIRROR
Figure 6. Digital Output Stage


유사한 부품 번호 - AD10465_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
More results

유사한 설명 - AD10465_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9248 AD-AD9248 Datasheet
419Kb / 23P
   14-Bit, 20/40/65 MSPS Dual A/ D Converter
Rev. PrE 6/29/2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com