전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9218BST-80 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD9218BST-80
상세설명  3V Dual Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9218BST-80 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD9218BST-80 Datasheet HTML 5Page - Analog Devices AD9218BST-80 Datasheet HTML 6Page - Analog Devices AD9218BST-80 Datasheet HTML 7Page - Analog Devices AD9218BST-80 Datasheet HTML 8Page - Analog Devices AD9218BST-80 Datasheet HTML 9Page - Analog Devices AD9218BST-80 Datasheet HTML 10Page - Analog Devices AD9218BST-80 Datasheet HTML 11Page - Analog Devices AD9218BST-80 Datasheet HTML 12Page - Analog Devices AD9218BST-80 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD9218
Rev. C | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
EXPLANATION OF TEST LEVELS
Table 5.
Parameter
Rating
I.
100% production tested.
VD, V
4 V
DD
II.
100% production tested at 25°C and sample tested at
specified temperatures.
Analog Inputs
–0.5 V to VD + 0.5 V
Digital Inputs
–0.5 V to V
+ 0.5 V
DD
REFIN Inputs
–0.5 V to VD + 0.5 V
III.
Sample tested only.
Digital Output Current
20 mA
IV.
Parameter is guaranteed by design and characterization
testing.
Operating Temperature
–55°C to +125°C
Storage Temperature
–65°C to +150°C
Maximum Junction Temperature
150°C
V.
Parameter is a typical value only.
Maximum Case Temperature
150°C
θA (measured on a 4-layer board with
solid ground plane)
57°C/W
VI.
100% production tested at 25°C; guaranteed by design
and characterization testing for industrial temperature
range.
100% production tested at temperature extremes for
military devices.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 6. User Select Modes
S1
S2
Power-Down and Data Alignment Settings
0
0
Power down both Channel A and Channel B.
0
1
Power down Channel B only.
1
0
Normal operation (data align disabled).
1
1
Data align enabled (data from both channels
available on rising edge of Clock A. Channel B data is
delayed by a ½ clock cycle.)
ESD CAUTION


유사한 부품 번호 - AD9218BST-80

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9218BST-80 AD-AD9218BST-80 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
AD9218BST-80 AD-AD9218BST-80 Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
More results

유사한 설명 - AD9218BST-80

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
   Dual Analog-to-Digital Converter
AD9680 AD-AD9680_17 Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9689 AD-AD9689 Datasheet
2Mb / 134P
   Dual Analog-to-Digital Converter
AD9250 AD-AD9250_17 Datasheet
1Mb / 45P
   Dual Analog-to-Digital Converter
AD9691 AD-AD9691_17 Datasheet
1Mb / 73P
   Dual Analog-to-Digital Converter
AD9695 AD-AD9695 Datasheet
5Mb / 136P
   Dual Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS900 TI-ADS900_V01 Datasheet
342Kb / 15P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS900 BURR-BROWN-ADS900 Datasheet
219Kb / 12P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com