전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9238BSTZRL-65 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD9238BSTZRL-65
상세설명  Dual A/D Converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9238BSTZRL-65 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD9238BSTZRL-65 Datasheet HTML 3Page - Analog Devices AD9238BSTZRL-65 Datasheet HTML 4Page - Analog Devices AD9238BSTZRL-65 Datasheet HTML 5Page - Analog Devices AD9238BSTZRL-65 Datasheet HTML 6Page - Analog Devices AD9238BSTZRL-65 Datasheet HTML 7Page - Analog Devices AD9238BSTZRL-65 Datasheet HTML 8Page - Analog Devices AD9238BSTZRL-65 Datasheet HTML 9Page - Analog Devices AD9238BSTZRL-65 Datasheet HTML 10Page - Analog Devices AD9238BSTZRL-65 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
AD9238
Rev. C | Page 6 of 48
DIGITAL SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, maximum sample rate, CLK_A = CLK_B; AIN = −0.5 dBFS differential input, 1.0 V internal reference,
TMIN to TMAX, DCS enabled, unless otherwise noted.
Table 3.
Test
AD9238BST/BCP-20
AD9238BST/BCP-40
AD9238BST/BCP-65
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
LOGIC INPUTS
High Level Input Voltage
Full
IV
2.0
2.0
2.0
V
Low Level Input Voltage
Full
IV
0.8
0.8
0.8
V
High Level Input Current
Full
IV
−10
+10
−10
+10
−10
+10
μA
Low Level Input Current
Full
IV
−10
+10
−10
+10
−10
+10
μA
Input Capacitance
Full
IV
2
2
2
pF
LOGIC OUTPUTS1
High Level Output Voltage
Full
IV
DRVDD −
0.05
DRVDD −
0.05
DRVDD −
0.05
V
Low Level Output Voltage
Full
IV
0.05
0.05
0.05
V
1 Output voltage levels measured with capacitive load only on each output.
SWITCHING SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, maximum sample rate, CLK_A = CLK_B; AIN = −0.5 dBFS differential input, 1.0 V internal reference,
TMIN to TMAX, DCS enabled, unless otherwise noted.
Table 4.
Test
AD9238BST/BCP-20
AD9238BST/BCP-40
AD9238BST/BCP-65
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
20
40
65
MSPS
Minimum Conversion Rate
Full
V
1
1
1
MSPS
CLK Period
Full
V
50.0
25.0
15.4
ns
CLK Pulse-Width High1
Full
V
15.0
8.8
6.2
ns
CLK Pulse-Width Low1
Full
V
15.0
8.8
6.2
ns
DATA OUTPUT PARAMETER
Output Delay2 (tPD)
Full
VI
2
3.5
6
2
3.5
6
2
3.5
6
ns
Pipeline Delay (Latency)
Full
V
7
7
7
Cycles
Aperture Delay (tA)
Full
V
1.0
1.0
1.0
ns
Aperture Uncertainty (tJ)
Full
V
0.5
0.5
0.5
ps rms
Wake-Up Time3
Full
V
2.5
2.5
2.5
ms
OUT-OF-RANGE RECOVERY TIME
Full
V
2
2
2
Cycles
1 The AD9238-65 model has a duty cycle stabilizer circuit that, when enabled, corrects for a wide range of duty cycles (see Figure 24).
2 Output delay is measured from clock 50% transition to data 50% transition, with a 5 pF load on each output.
3 Wake-up time is dependent on the value of the decoupling capacitors; typical values shown with 0.1 μF and 10 μF capacitors on REFT and REFB.
N–1
N
N+1
N+2
N+3
N+4
N+5
N+6
N+7
N+8
ANALOG
INPUT
CLOCK
DATA
OUT
N–9
N–8
N–7
N–6
N–5
N–4
N–3
N–2
N–1
N
MIN 2.0ns,
MAX 6.0ns
tPD =
Figure 2. Timing Diagram


유사한 부품 번호 - AD9238BSTZRL-65

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9238BSTZRL-65 AD-AD9238BSTZRL-65 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results

유사한 설명 - AD9238BSTZRL-65

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC1650 MOTOROLA-MC1650 Datasheet
113Kb / 11P
   DUAL A/D CONVERTER
logo
Analog Devices
AD9248 AD-AD9248_17 Datasheet
1Mb / 49P
   Dual A/D Converter
AD9288 AD-AD9288_17 Datasheet
633Kb / 25P
   Dual A/D Converter
ADC1100 AD-ADC1100_15 Datasheet
1Mb / 4P
   LOW COST DUAL SLOPE A/D CONVERTER
ADC1105 AD-ADC1105_15 Datasheet
2Mb / 6P
   High Resolution, Dual Slope A/D Converter
AD7112 AD-AD7112 Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
   D/A CONVERTER
logo
Texas Instruments
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
   A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com