전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC-7834-KC 데이터시트(PDF) 2 Page - NEC

부품명 MC-7834-KC
상세설명  870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

MC-7834-KC 데이터시트(HTML) 2 Page - NEC

  MC-7834-KC Datasheet HTML 1Page - NEC MC-7834-KC Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MC-7834-KC
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
ABSOLUTE
MAXIMUM RATINGS1 (TCASE= 30 °C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDD
Supply Voltage
V
30
VI
Input Voltage2
dBmV
65
TC
Operating Case Temperature
°C
-30 to +100
TSTG
Storage Temperature
°C
-40 to +100
Note:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. Maximum single channel power applied to the input for 1 minute
with no measurable degradation in performance.
SYMBOLS
PARAMETERS
UNITS MIN TYP MAX
VDD
Supply Voltage
V
MC-7834-KC
23.5 24.0 24.5
Vi
Input Voltage1
dBmV
MC-7834-KC
21.0 27.5
TC
Operating Case
°C
Temperature
MC-7834-KC
-30
+25
+85
RECOMMENDED
OPERATING CONDITIONS (Zs = ZL = 75Ω)
Note:
1. Test Conditions: 110 Channels, Flat
PART NUMBER
PACKAGE
QUANTITY
MC-7834-KC
7-pin special with heatsink
50pcs max/ Tray
ORDERING INFORMATION
1. The space between PC board and root of the lead should be kept
more than 1 mm to prevent undesired stress on the lead and also
should be kept less than 4 mm to prevent undesired parasitic
inductance.
Recommended space is 2.0 to 3.0 mm typical.
2. Recommended torque strength of the screw is 59 to 78 Ncm.
3. Form the ground pattern as wide as possible to minimize ground
impedance. (to prevent undesired oscillation)
All the ground pins must be connected together with wide ground
pattern to decrease impedance difference.
NOTES ON CORRECT USE
This product should be soldered in the following recommended
conditions. Other soldering methods and conditions than the recom-
mended conditions are to be consulted with our sales representa-
tives.
RECOMMENDED SOLDERING CONDITIONS
Soldering
Soldering
Condition
Method
Conditions
Symbol
Pin Part Heating
Pin area temperature: less
than 260°C1
Hour: Within 2 sec./pin
Note.
1. The point of pin part heating must be kept at a distance of more
than 1.2 mm from the root of lead.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
01/28/2004


유사한 부품 번호 - MC-7834-KC

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
MC-7834-KC CEL-MC-7834-KC Datasheet
234Kb / 3P
   NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
MC-7834-KC-AZ CEL-MC-7834-KC-AZ Datasheet
234Kb / 3P
   NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
MC-7834-KC CEL-MC-7834-KC_07 Datasheet
234Kb / 3P
   NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
More results

유사한 설명 - MC-7834-KC

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
MC-7834-KC CEL-MC-7834-KC_07 Datasheet
234Kb / 3P
   NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7832_2015 JMNIC-MC-7832_2015 Datasheet
60Kb / 6P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7832 CEL-MC-7832_1 Datasheet
280Kb / 7P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
MC-7833 CEL-MC-7833_06 Datasheet
281Kb / 7P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7833_2015 JMNIC-MC-7833_2015 Datasheet
61Kb / 6P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7831 CEL-MC-7831_1 Datasheet
280Kb / 7P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7831_2015 JMNIC-MC-7831_2015 Datasheet
61Kb / 6P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7831 CEL-MC-7831 Datasheet
209Kb / 3P
   NECs 870 MHz GaAs CATV PUSH-PULL AMPLIFIER
logo
NXP Semiconductors
CGY888C NXP-CGY888C Datasheet
58Kb / 7P
   34 dB, 870 MHz GaAs push-pull forward amplifier
Rev. 03-14 October 2009
logo
ANADIGICS, Inc
ACA2408 ANADIGICS-ACA2408 Datasheet
209Kb / 12P
   870 MHz, 34 dB Gain CATV Push-Pull Line Amplifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com