전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA220 데이터시트(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

부품명 TPA220
상세설명  Telecommunication Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
홈페이지  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

TPA220 데이터시트(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  TPA220 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd TPA220 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd TPA220 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd TPA220 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FIG.2 -- RElATIVE VARIATION OF GOlDING
DDDD DCURRENT VERSUS JUNCTION
SSSS CTEMPERATURE.
FFFFFIG.3 -- RElATIVE VARIATION OF JUNCTION
VVVVVVVV CAPACITANCE VERSUS REVERSE
BBBBBBBB APPLIED VOlTAGE
FIG.4 -- ON-STATE CURRENT VERSUS ON-STATE YY
YYY VOlTAGE
FIG.5 -- TRANSIENT THERMAl IMPEDANCE JUNCTION TO AMBIENT VERSUS PUlSE DURATION
FIG.1 -- NON REPETITIVE SURGE PEAK ON-STATE
VVVVVV CURRENT VERSUS OVERlOAD DURATION
VV
(TJ INItIAl=25°C).
30
10
20
0
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
F=50H Z
5
15
25
35
40
t(s)
ITSM(A)
0.8
0.6
0.2
0.4
0.0
-40
-20
20
060
40
80
100
1.0
1.2
1.4
2.0
1.6
1.8
TJ(°C)
IH[TJ]/IH[TJ=25 ]
1.0
0.5
0.1
1
100
10
VR(V)
0.2
300
F=1MHZ
C[VR]/C[VR=1V]
20
10
2
5
1
01
3
2
8
4
5
6
7
TJ=25 C
50
9
1 0
VT(V)
IT(A)
1E+1
1E-1
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
1E+0
1E+2
tp(s)
5E+2
ZTH(J-a)( W)
Ratings AND Charactieristic Curves
TPA Series
Telecommunication Protection
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1
PACKAGE
SPQ/PCS
CARTON
SPQ/PCS
CARTON
SIZE/CM
CARTON
GW/KG
CARTON
NW/KG
DO-15
3000/AMMO
30000
42X28X31
12.00
10.00


유사한 부품 번호 - TPA220

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TPA220 STMICROELECTRONICS-TPA220 Datasheet
53Kb / 5P
   TRISIL
TPA220 STMICROELECTRONICS-TPA220 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
logo
Galaxy Semi-Conductor H...
TPA220 BILIN-TPA220 Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
TPA220 STMICROELECTRONICS-TPA220 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
logo
Shenzhen Taychipst Elec...
TPA220 TAYCHIPST-TPA220 Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
More results

유사한 설명 - TPA220

제조업체부품명데이터시트상세설명
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
SMTPA68 LUGUANG-SMTPA68 Datasheet
529Kb / 6P
   Telecommunication Protection
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
   SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
logo
Vishay Siliconix
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
232266.9 VISHAY-232266.9 Datasheet
75Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
PTCTL VISHAY-PTCTL_V01 Datasheet
106Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
01-Jan-2022
2322661 VISHAY-2322661 Datasheet
68Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com