전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC370 데이터시트(PDF) 2 Page - A-Data Technology

부품명 UC370
상세설명  Reversible USB-C connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  A-DATA [A-Data Technology]
홈페이지  https://www.adata.com
Logo A-DATA - A-Data Technology

UC370 데이터시트(HTML) 2 Page - A-Data Technology

  UC370 Datasheet HTML 1Page - A-Data Technology UC370 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Protection from water, dust, and shock
● High durability: resistant to water, dust, and impact
● Highly-compact form factor
● Ensures utmost reliability for an extended lifespan
An easy-go design with strap mount
An integral strap mount makes it easy to carry your
data with you on a lanyard, keychain, or necklace.
Features
Ordering Information
● OTG (On-The-Go) design for direct connection
Capacity
Model Number
EAN Code
● Reversible USB-C connector
16GB
AUC370-16G-RGD
4713218460172
● High speed USB 3.1 interface
32GB
AUC370-32G-RGD
4713218460189
● Integrated strap mount for great portability
64GB
AUC370-64G-RGD
4713218460196
● Simple driver-less plug n play
● Advanced COB (Chip-On-Board) process for
improved durability – highly resistant to water,
dust, and impact
Specifications
● Capacity: 16GB / 32GB / 64GB
● Housing: metal
● Dimensions (L x W x H):
30.0 x 13.2 x 8.6mm / 1.18 x 0.52 x 0.34 inch
● Weight: 3.7g / 0.18oz
● Interface: USB-A/USB-C with USB 3.1
(backward compatible with USB 2.0)
● Warranty: lifetime


유사한 부품 번호 - UC370

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3702 TI-UC3702 Datasheet
162Kb / 4P
[Old version datasheet]   Quad PWM Relay Driver
UC3702 TI1-UC3702 Datasheet
196Kb / 6P
[Old version datasheet]   Quad PWM Relay Driver
UC3702D TI1-UC3702D Datasheet
196Kb / 6P
[Old version datasheet]   Quad PWM Relay Driver
UC3702N TI1-UC3702N Datasheet
196Kb / 6P
[Old version datasheet]   Quad PWM Relay Driver
UC3704 TI1-UC3704 Datasheet
283Kb / 6P
[Old version datasheet]   Bridge Transducer Switch
More results

유사한 설명 - UC370

제조업체부품명데이터시트상세설명
logo
A-Data Technology
UC350 A-DATA-UC350 Datasheet
518Kb / 2P
   New Type C reversible connector
logo
IOGEAR
G2LU3CAM01-WT IOGEAR-G2LU3CAM01-WT Datasheet
151Kb / 3P
   Charge & Sync Flip??Pro - USB-C??to Reversible USBA Cable
GAMU01 IOGEAR-GAMU01 Datasheet
213Kb / 3P
   Charge & Sync Flip Pro, Reversible USB to Reversible Micro USB Cable (3.3ft/1m)
G2LU3CAM02-WT IOGEAR-G2LU3CAM02-WT Datasheet
151Kb / 3P
   Charge & Sync Flip??Pro - USB-C??to Reversible USBA Cable 6.5ft. (2m)
logo
Tripp Lite. All Rights ...
UR020-003 TRIPPLITE-UR020-003 Datasheet
164Kb / 2P
   Universal Reversible USB 2.0 Cable (Reversible A to Reversible A M/M), 3-ft.
UR024-000 TRIPPLITE-UR024-000 Datasheet
169Kb / 2P
   Universal Reversible USB 2.0 Adapter (Reversible A to A M/F)
UR050-010 TRIPPLITE-UR050-010 Datasheet
499Kb / 3P
   Universal Reversible USB 2.0 Hi-Speed Cable
UR020010 TRIPPLITE-UR020010 Datasheet
516Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Reversible A M-M), 10-ft
UR020003 TRIPPLITE-UR020003 Datasheet
512Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Reversible A M-M), 3-ft
UR020006 TRIPPLITE-UR020006 Datasheet
517Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable (Reversible A to Reversible A M-M), 6-ft
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com