전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN4174 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FAN4174
상세설명  Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4174 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FAN4174 Datasheet HTML 1Page - Fairchild Semiconductor FAN4174 Datasheet HTML 2Page - Fairchild Semiconductor FAN4174 Datasheet HTML 3Page - Fairchild Semiconductor FAN4174 Datasheet HTML 4Page - Fairchild Semiconductor FAN4174 Datasheet HTML 5Page - Fairchild Semiconductor FAN4174 Datasheet HTML 6Page - Fairchild Semiconductor FAN4174 Datasheet HTML 7Page - Fairchild Semiconductor FAN4174 Datasheet HTML 8Page - Fairchild Semiconductor FAN4174 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.fairchildsemi.com
4
FAN4174/FAN4274 Rev. 2D
Electrical Specifications at +2.7V
(VS = +2.7V, G = 2, RL = 10kΩ to VS/2, RF = 5kΩ; unless otherwise noted)
Notes:
1. 100% tested at 25°C.
Symbol Parameter
Conditions
Min
Typ
Max Units
Frequency Domain Response
UGBW
-3dB Bandwidth
G = +1
4
MHz
BWSS
-3dB Bandwidth
2.5
MHz
GBWP
Gain Bandwidth product
4
MHz
Time Domain Response
tR, tF
Rise and Fall Time
Vo = 1.0V step
300
ns
OS
Overshoot
Vo = 1.0V step
5
%
SR
Slew Rate
Vo = 3V step, G = -1
3V/
µs
Distortion and Noise Response
HD2
2nd Harmonic Distortion
Vo =1Vpp, 10kHz
-66
dBc
HD3
3rd Harmonic Distortion
Vo =1Vpp, 10kHz
-67
dBc
THD
Total Harmonic Distortion
Vo =1Vpp, 10kHz
0.1
%
en
Input Voltage Noise
26
nV/
√Hz
XTALK
Crosstalk (FAN4274)
100kHz
-100
dB
DC Performance
VIO
Input Offset Voltage1
-6
0
+6
mV
dVIO
Average Drift
2.1
µV/°C
Ibn
Input Bias Current
5pA
PSRR
Power Supply Rejection Ratio1
DC
50
73
dB
AOL
Open Loop Gain
DC
98
dB
IS
Supply Current Per Amplifier1
200
300
µA
Input Characteristics
RIN
Input Resistance
10
G
CIN
Input Capacitance
1.4
pF
CMIR
Input Common Mode Voltage Range
typical (FAN4174)
-0.3 to
2.6
V
typical (FAN4274)
-0.3 to
3.0
V
CMRR
Common Mode Rejection Ratio1
DC, VCM = 0V to 2.2V for FAN4174
50
65
dB
DC, VCM = 0V to 2.7V for FAN4274
50
65
dB
Output Characteristics
VO
Output Voltage Swing1
RL = 10kΩ to VS/2
0.03
0.01 to
2.69
2.65
V
RL = 1kΩ to VS/2
0.05 to
2.55
V
ISC
Short Circuit Output Current
+34/-12
mA
VS
Power Supply Operating Range
2.5 to
5.5
V


유사한 부품 번호 - FAN4174

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN4174 FAIRCHILD-FAN4174 Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174 Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4174 ONSEMI-FAN4174 Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
logo
Fairchild Semiconductor
FAN4174IP5X FAIRCHILD-FAN4174IP5X Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174IS5X FAIRCHILD-FAN4174IS5X Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
More results

유사한 설명 - FAN4174

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN4931 FAIRCHILD-FAN4931 Datasheet
1Mb / 11P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174_08 Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274 FAIRCHILD-FAN4274_12 Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
KM7101 FAIRCHILD-KM7101 Datasheet
146Kb / 9P
   Ultra-Low Cost, 139A, 2.7V, 4.9MHz Rail-to-Rail I/O Amplifier
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
FAN4174 ONSEMI-FAN4174 Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com