전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2623QNHLTQ1 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2623QNHLTQ1
상세설명  Automotive Gated-Oscillator-Based DC-DC Boost Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2623QNHLTQ1 데이터시트(HTML) 1 Page - Texas Instruments

  LM2623QNHLTQ1 Datasheet HTML 1Page - Texas Instruments LM2623QNHLTQ1 Datasheet HTML 2Page - Texas Instruments LM2623QNHLTQ1 Datasheet HTML 3Page - Texas Instruments LM2623QNHLTQ1 Datasheet HTML 4Page - Texas Instruments LM2623QNHLTQ1 Datasheet HTML 5Page - Texas Instruments LM2623QNHLTQ1 Datasheet HTML 6Page - Texas Instruments LM2623QNHLTQ1 Datasheet HTML 7Page - Texas Instruments LM2623QNHLTQ1 Datasheet HTML 8Page - Texas Instruments LM2623QNHLTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM2623-Q1
VIN
+ C1
22 µF
R3
150 k
Ÿ
C3
4.7pF
FREQ
PGND
SGND
VDD
EN
BOOT
FB
C2
100 µF
tantalum
RF1
300 k
Ÿ
RF2
100 k
Ÿ
D1
3 A
SW
CVDD
1 µF
3.3 V
2,3
9
6
12,13
5
10
4
11
NC
1,7,8,14
L1
4.7 µH
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM2623-Q1
SNVSAO5 – OCTOBER 2017
LM2623-Q1 Automotive Gated-Oscillator-Based DC-DC Boost Converter
1
1 Features
1
AEC-Q100 Qualified for Automotive Applications:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C4A
Good Efficiency Over a Very Wide Load Range
Very Low Output Voltage Ripple
Up to 2-MHz Switching Frequency
0.9-V to 14-V Operating Voltage
1.1-V Start-Up Voltage
1.24-V to 14-V Adjustable Output Voltage
0.17-Ω Internal MOSFET
Up to 90% Regulator Efficiency
80-µA Typical Operating Current (Into VDD Pin of
Supply)
Low Shutdown Current (IQ < 2.5 µA)
4-mm × 4-mm Thermally Enhanced WSON
Package Option
2 Applications
Automotive Camera
Automotive Radar
Automotive GPS
Flash Memory Programming
White-LED Drive
3 Description
The
LM2623-Q1
is
a
high-efficiency,
general-
purpose, step-up DC-DC switching regulator for
automotive systems. The device accepts an input
voltage between 0.9 V and 14 V and converts it into a
regulated output voltage between 1.24 V and 14 V.
In order to adapt to a number of applications, the
LM2623-Q1 allows the designer to program the
output voltage, the operating frequency (300 kHz to
2 MHz), and duty cycle (17% to 90%) to optimize
performance. The selected values can be fixed or can
vary with input voltage or input-to-output voltage ratio.
The LM2623-Q1 uses a very simple, on/off regulation
mode to produce good efficiency and stable operation
over a wide operating range. The device normally
regulates by skipping switching cycles when it
reaches
the
regulation
limit
(pulse
frequency
modulation (PFM)).
Refer to Non-Linear Effect and Choosing the Correct
C3 Capacitor to resolve any design challenges before
board design is finalized.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2623-Q1
WSON (14)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


유사한 부품 번호 - LM2623QNHLTQ1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
215Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623 Datasheet
936Kb / 16P
[Old version datasheet]   LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI1-LM2623 Datasheet
958Kb / 16P
[Old version datasheet]   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
More results

유사한 설명 - LM2623QNHLTQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2623 TI1-LM2623_14 Datasheet
958Kb / 16P
[Old version datasheet]   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623_05 Datasheet
595Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623 TI-LM2623_15 Datasheet
1Mb / 22P
[Old version datasheet]   General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
logo
National Semiconductor ...
LM2623 NSC-LM2623_04 Datasheet
215Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
   General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Texas Instruments
LM2623AMM TI-LM2623AMM Datasheet
936Kb / 16P
[Old version datasheet]   LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI-LM2623_15 Datasheet
1Mb / 21P
[Old version datasheet]   LM2623 General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
ON Semiconductor
LV56351JA ONSEMI-LV56351JA Datasheet
212Kb / 8P
   1ch DC/DC boost converter
August, 2013
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com