전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSB12LV01BIPZT 데이터시트(PDF) 10 Page - Texas Instruments

부품명 TSB12LV01BIPZT
상세설명  IEEE 1394-1995 HIGH SPEED SERIAL BUS LINK LAYER CONTROLLER
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TSB12LV01BIPZT 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TSB12LV01BIPZT Datasheet HTML 6Page - Texas Instruments TSB12LV01BIPZT Datasheet HTML 7Page - Texas Instruments TSB12LV01BIPZT Datasheet HTML 8Page - Texas Instruments TSB12LV01BIPZT Datasheet HTML 9Page - Texas Instruments TSB12LV01BIPZT Datasheet HTML 10Page - Texas Instruments TSB12LV01BIPZT Datasheet HTML 11Page - Texas Instruments TSB12LV01BIPZT Datasheet HTML 12Page - Texas Instruments TSB12LV01BIPZT Datasheet HTML 13Page - Texas Instruments TSB12LV01BIPZT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
1–3
1.2
Terminal Assignments
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
CYST/GPO2
CYDNE/GPO1
GRFEMP/GPO0
GND
GND
GND
CYCLEOUT
VCC
CYCLEIN
GND
GND
RESET
GND
INT
WR
CA
CS
VCC+5V
BCLK
GND
ADDR7
ADDR6
ADDR5
ADDR4
VCC
POWERON
MTEST3
GND
GND
GND
GND
DATA0
DATA1
DATA2
DATA3
VCC+5V
DATA4
DATA5
DATA6
DATA7
GND
DATA8
DATA9
DATA10
DATA11
VCC
DATA12
DATA13
DATA14
DATA15
To Host
To PHY Layer
NOTES: A. Tie reserved terminals to GND.
TSB12LV01B
PZ PACKAGE
(TOP VIEW)
B. Bit 0 is the most significant bit (MSB).


유사한 부품 번호 - TSB12LV01BIPZT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB12LV01BIPZT TI1-TSB12LV01BIPZT Datasheet
86Kb / 6P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV01BIPZTEP TI1-TSB12LV01BIPZTEP Datasheet
402Kb / 78P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
More results

유사한 설명 - TSB12LV01BIPZT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TSB12LV01B TI1-TSB12LV01B_14 Datasheet
86Kb / 6P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV01B-EP TI1-TSB12LV01B-EP Datasheet
402Kb / 78P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV41A TI-TSB12LV41A Datasheet
587Kb / 199P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV42 TI-TSB12LV42 Datasheet
686Kb / 175P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Digital Video
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
TSB12LV32 TI-TSB12LV32 Datasheet
456Kb / 113P
[Old version datasheet]   IEEE 1394-1995 and P1394a Compliant General-Purpose Link-Layer Controller
TSB12LV32-EP TI1-TSB12LV32-EP Datasheet
1Mb / 105P
[Old version datasheet]   IEEE 1394-1995 and P1394a Compliant General-Purpose Link-Layer Controller
TSB12C01A TI-TSB12C01A Datasheet
275Kb / 59P
[Old version datasheet]   High-Speed Serial-Bus Link-Layer Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com