전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPT8241NBNL 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 OPT8241NBNL
상세설명  3D Time-of-Flight Sensor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

OPT8241NBNL 데이터시트(HTML) 10 Page - Texas Instruments

Back Button OPT8241NBNL Datasheet HTML 6Page - Texas Instruments OPT8241NBNL Datasheet HTML 7Page - Texas Instruments OPT8241NBNL Datasheet HTML 8Page - Texas Instruments OPT8241NBNL Datasheet HTML 9Page - Texas Instruments OPT8241NBNL Datasheet HTML 10Page - Texas Instruments OPT8241NBNL Datasheet HTML 11Page - Texas Instruments OPT8241NBNL Datasheet HTML 12Page - Texas Instruments OPT8241NBNL Datasheet HTML 13Page - Texas Instruments OPT8241NBNL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Light Wavelength (nm)
350
450
550
650
750
850
950
1050
0
10
20
30
40
50
60
70
80
90
Incident Angle = 0 G
Incident Angle = 30 G
VVMIXH (V)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSUB_BIAS (V)
-8
-7
-6
-5
-4
-3
-2
-1
0
-10
0
10
20
30
40
OPT8241
SBAS704B – JUNE 2015 – REVISED OCTOBER 2015
www.ti.com
6.9 Typical Characteristics
At VAVDDH = 3.3 V, VAVDD = 1.8 V, VVMIXH = 1.5 V, VDVDD = 1.8 V, VDVDDH = 3.3 V, VPVDD = 3.3 V, VSUB_BIAS = 0 V, and
integration duty cycle = 10%, unless otherwise noted.
Normalized to VMIXH = 1.5 V
Figure 3. Normalized VMIXH Supply Current vs
Figure 4. VSUB_BIAS Supply Current vs
VMIXH Supply Voltage
VSUB_BIAS Supply Voltage
Figure 5. Optical Filter Transitivity vs
Light Wavelength
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: OPT8241


유사한 부품 번호 - OPT8241NBNL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
OPT8241NBN TI1-OPT8241NBN Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
More results

유사한 설명 - OPT8241NBNL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8241 TI-OPT8241_15 Datasheet
1Mb / 34P
[Old version datasheet]   OPT8241 3D Time-of-Flight Sensor
logo
Banner Engineering Corp...
ZMX BANNER-ZMX Datasheet
550Kb / 5P
   ZMX Series 3D Time of Flight Sensor
9 February 2023
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
   Time-of-Flight Sensor Array
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
   Time-of-Flight ranging Sensor-4M
logo
STMicroelectronics
VL53L4CD STMICROELECTRONICS-VL53L4CD Datasheet
2Mb / 37P
   Time-of-Flight high accuracy proximity sensor
June 2022 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com